Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

U3761MB-ASD Datasheet(PDF) 21 Page - TEMIC Semiconductors

Part # U3761MB-ASD
Description  Low Voltage Standard Telephone Circuit with 13 Memories
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U3761MB-ASD Datasheet(HTML) 21 Page - TEMIC Semiconductors

Back Button U3761MB-ASD Datasheet HTML 15Page - TEMIC Semiconductors U3761MB-ASD Datasheet HTML 16Page - TEMIC Semiconductors U3761MB-ASD Datasheet HTML 17Page - TEMIC Semiconductors U3761MB-ASD Datasheet HTML 18Page - TEMIC Semiconductors U3761MB-ASD Datasheet HTML 19Page - TEMIC Semiconductors U3761MB-ASD Datasheet HTML 20Page - TEMIC Semiconductors U3761MB-ASD Datasheet HTML 21Page - TEMIC Semiconductors U3761MB-ASD Datasheet HTML 22Page - TEMIC Semiconductors U3761MB-ASD Datasheet HTML 23Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
U3761MB
Preliminary Information
TELEFUNKEN Semiconductors
Rev. A2, 23-Apr-97
21 (23)
Formulas for Parameters of Elecrtrical Characteristics of Speech Circuit
Formulas referred to the basic test circuit. If not otherwise specified switches in basic test circuit are inactive.
Transmit gain
GS
+ 20
log
VL
VMIC
VMIC = 3 mV/1 kHz, S5 = open
Receiving gain
GR
+ 20
log
VRECO
VL
RX-mode: VGEN = 300 mV/1 kHz, S7b
Line loss compensation transmit
DGS + GS(at IL + 73 mA)–GS(at IL + 20 mA)
TX-mode: VMIC = 3 mV/1 kHz, S5 = open
Sidetone reduction
GSTA
+ 20
log
VL
VRECO
(in TX–mode)
) GR
TX-mode: VMIC = 3 mV/1 kHz, S5 = open
Line loss compensation receive
DGR + GR(at IL + 73 mA)–GR(at IL + 20 mA)
RX-mode: VGEN = 300 mV/1 kHz, S7b
Gain change when muted
GRM
+ 20
log
VRECO
VL
(Mute
+ inactive)–20
log
VRECO
VL
(Mute
+ active)
VGEN = 100 mV/1 kHz, S5 = open, S8 = open
Input impedance of microphone amplifier
Ri
+
50 k
VL(s6 + closed)
VL(S6 + open)
–1
TX-mode: VMIC = 3 mV/1 kHz, S5 = open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com