Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC2925 Datasheet(PDF) 4 Page - NEC

Part # UPC2925
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2925 Datasheet(HTML) 4 Page - NEC

  UPC2925 Datasheet HTML 1Page - NEC UPC2925 Datasheet HTML 2Page - NEC UPC2925 Datasheet HTML 3Page - NEC UPC2925 Datasheet HTML 4Page - NEC UPC2925 Datasheet HTML 5Page - NEC UPC2925 Datasheet HTML 6Page - NEC UPC2925 Datasheet HTML 7Page - NEC UPC2925 Datasheet HTML 8Page - NEC UPC2925 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet G14983EJ3V0DS
4
µµµµPC2918, 2925, 2926
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Type Number
MIN.
TYP.
MAX.
Unit
µ PC2918
2.8
16
V
µ PC2925
3.5
16
V
Input Voltage
VIN
µ PC2926
3.6
16
V
Output Current
IO
All
0
1
A
Operating Ambient Temperature TA
All
− 30
+ 85
°C
Operating Junction Temperature TJ
All
− 30
+ 125
°C
Caution Use of conditions other than the above-listed recommended operating conditions is not a problem
as long as the absolute maximum ratings are not exceeded. However, since the use of such
conditions diminishes the margin of safety, careful evaluation is required before such conditions
are used. Moreover, using the MAX. value for all the recommended operating conditions is not
guaranteed to be safe.
ELECTRICAL CHARACTERISTICS
µµµµPC2918 (TJ = 25°°°°C, VIN = 2.8 V, IO = 0.5 A, CIN = 0.1 µµµµF, COUT = 10 µµµµF, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
1.764
1.8
1.836
V
Output Voltage
VO
2.8 V
≤ VIN ≤ 5 V, 0 A ≤ IO ≤ 1 A,
0
°C ≤ TJ ≤ 125°C
(1.71)
(1.854)
V
Line Regulation
REGIN
2.8 V
≤ VIN ≤ 16 V
6
25
mV
Load Regulation
REGL
0 A
≤ IO ≤ 1 A
7
30
mV
IO = 0 A
2
4
mA
Quiescent Current
IBIAS
IO = 1 A
20
60
mA
VIN = 2.4 V, IO = 0 A
10
30
mA
Startup Quiescent Current
IBIAS (s)
VIN = 2.4 V, IO = 1 A
80
mA
Quiescent Current Change
∆IBIAS
2.8 V
≤ VIN ≤ 16 V, 0°C ≤ TJ ≤ 125°C2.9
20
mA
Output Noise Voltage
Vn
10 Hz
≤ f ≤ 100 kHz
40
µ Vr.m.s.
Ripple Rejection
R•R
f = 120 Hz, 2.8 V
≤ VIN ≤ 9 V
45
60
dB
IO = 0.5 A
0.25
0.5
V
Dropout Voltage
VDIF
IO = 1 A, 0
°C ≤ TJ ≤ 125°C0.7
V
VIN = 2.8 V
1.2
1.7
3.0
A
Short Circuit Current
IOshort
VIN = 16 V
1.2
A
VIN = 2.8 V
1.0
1.5
3.0
A
Peak Output Current
IOpeak
VIN = 16 V
1.1
A
Temperature Coefficient of
Output Voltage
∆VO /∆TIO = 5 mA, 0°C ≤ TJ ≤ 125°C
− 0.4
mV/
°C
Remark Values in parentheses have been measured during product design and are provided as reference values.
#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com