Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPC2925 Datasheet(PDF) 6 Page - NEC

Part # UPC2925
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2925 Datasheet(HTML) 6 Page - NEC

Back Button UPC2925 Datasheet HTML 2Page - NEC UPC2925 Datasheet HTML 3Page - NEC UPC2925 Datasheet HTML 4Page - NEC UPC2925 Datasheet HTML 5Page - NEC UPC2925 Datasheet HTML 6Page - NEC UPC2925 Datasheet HTML 7Page - NEC UPC2925 Datasheet HTML 8Page - NEC UPC2925 Datasheet HTML 9Page - NEC UPC2925 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet G14983EJ3V0DS
6
µµµµPC2918, 2925, 2926
TYPICAL CHARACTERISTICS (Reference Values)
12
10
8
6
4
2
0
0
50
100
150
1.0
With
infinite
heatsink
Without
heatsink
TA - Operating Ambient Temperature -
°C
PD vs. TA
50
25
0
–25
–50
0
100
150
IO = 5 mA
–50
50
µPC2925
µPC2918
∆VO vs. TJ
TJ - Operating Junction Temperature -
°C
2.0
1.5
1.0
0.5
0
IO = 5 mA
0
1
2
3
4
5
6
7
8
IO = 0.5 A
IO = 1 A
TJ = 25˚C
VO vs. VIN (
µPC2918)
VIN - Input Voltage - V
50
40
30
20
10
0
0
5
10
15
20
IO = 0 A
IO = 1 A
IO = 0.5 A
TJ = 25˚C
IBIAS (IBIAS(s)) vs. VIN (
µPC2918)
VIN - Input Voltage - V
3.0
2.0
1.0
0
IO = 5 mA
0
1
2
3
4
5
6
7
8
IO = 0.5 A
IO = 1 A
VO vs. VIN (
µPC2925)
TJ = 25˚C
VIN - Input Voltage - V
50
40
30
20
10
0
0
5
10
15
20
IO = 0 A
IO = 1 A
IO = 0.5 A
TJ = 25˚C
IBIAS (IBIAS(s)) vs. VIN (
µPC2925)
VIN - Input Voltage - V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com