Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UC3206BG-XX-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UC3206BG-XX-AF5-R
Description  CMOS IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3206BG-XX-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UC3206BG-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies UC3206BG-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies UC3206BG-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies UC3206BG-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UC3206X
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R211-031.a
OPERATIONAL DESCRIPTION
Soft Start
The UTC UC3206X provides 0.25ms (Typ.) high speed soft-start. Soft start time is defined as the time to reach
90% of the output nominal voltage when the EN pin is turned on.
UVLO Circuit
When the IN pin voltage becomes 1.4V or lower, the P-channel output driver transistor is forced OFF to prevent
false pulse output caused by unstable operation of the internal circuitry. When the IN pin voltage becomes 1.8V or
higher, switching operation takes place.
CL High Speed Discharge
The UTC UC3206X can quickly discharge the electric charge at the output capacitor (CL) when a low signal to the
EN pin which enables a whole IC circuit put into OFF state, is inputted via the N-channel transistor located between
the LX pin and the GND pin.
TYPICAL APPLICATION CIRCUIT
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com