| Electronic Components Datasheet Search |
|
UC3206BG-XX-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UC3206BG-XX-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD UC3206X Preliminary CMOS IC www.unisonic.com.tw 1 of 4 Copyright © 2016 Unisonic Technologies Co., Ltd QW-R211-031.a 600mA, 3MHz, SYNCHRONOUS STEP-DOWN DC/DC CONVERTER DESCRIPTION The UTC UC3206X is a high efficiency synchronous, step-down DC/DC converter. Its input voltage range is from 2V to 6V, and Output voltage is internally set in a range from 0.8V to 4.0V in increments of 50mV (accuracy: ±2.0%). The device is operated by 3.0MHz, and includes 0.42Ω P-channel driver transistor and 0.52Ω N-channel switching transistor. The device provides short-time turn-on by the soft start function internally set in 0.25 ms (TYP). FEATURES * Input voltage: 2.0V~6.0V * Output voltage: 0.8V~4.0V (+2.0%) * P-ch ON resistance: 0.42Ω * N-ch ON resistance: 0.52Ω * Output current: 600mA * Oscillation frequency: 3.0MHz (+15%) * Maximum duty cycle: 100% * High efficiency : 92% (TYP.) * High speed soft-start circuit and Current limiter circuit built-in * CL high speed auto discharge * Low ESR ceramic capacitor compatible ORDERING INFORMATION Ordering Number Package Packing UC3206XG-xx-AF5-R SOT-25 Tape Reel Note: xx: Output Voltage, refer to Marking Information. UC3206XG-xx-AF5-R (1)Packing Type (2)Package Type (3)Output Voltage Code (1) R: Tape Reel (2) AF5: SOT-25 (3) xx: Refer to Marking Information (4) G: Halogen Free and Lead Free (4)Green Package (5)Frequency (5) A:1.45MHz, B: 2.8MHz |
Similar Part No. - UC3206BG-XX-AF5-R |
|
Similar Description - UC3206BG-XX-AF5-R |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |