Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8756 Datasheet(PDF) 37 Page - Wolfson Microelectronics plc

Part # WM8756
Description  192KHZ SIX CHANNEL SACD COMPATIBLE AUDIO DAC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8756 Datasheet(HTML) 37 Page - Wolfson Microelectronics plc

Back Button WM8756 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8756 Datasheet HTML 39Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
WM8756
Advance Information
AI Rev 1.3 October 2001
37
CXD2753R
WM8756
BCKAO
PHREFO
DSAL
DSAR
DSDCLK128
DSDCLK64
DSD1
DSD0
DSD3
DSD2
DSD5
DSD4
DSAC
DSASW
DSALS
DSARS
Figure 34 Connection of WM8756 as Slave to Sony 6-CH DSD Decoder Chip in Normal mode
To use the WM8756 with the Sony CXD2753R there are several configuration options:
1.
In DSD mode if the WM8756 is being run in NORMAL mode as a SLAVE device the only clock input which the WM8756
requires is DSDCLK64, this should be connected to the BCKAO pin of the CXD2753R. In this BCKAO should be a falling
edge set as illustrated on page 20 of the CXD2753R datasheet (Rev PE01704-PS).
2.
In DSD mode if the WM8756 is being run in PHASE MODULATION mode as a SLAVE device the clock inputs which the
WM8756 requires are DSDCLK64 and DSDCLK128. DSDCLK64 and DSDCLK128 should be connected to PHREFO and
BCKAO respectively on the CXD2753R. In Phase Modulation mode phase 2 should be selected for the PHREFO clock
and BCKAO should be a rising edge set, as illustrated on page 20 of the CXD2753R datasheet (Rev PE01704-PS).
−
To run the WM8756 in DSD mode but as a MASTER SCLK must be present on the device.
−
If the device is intended to be used for both PCM and DSD data in either MASTER or SLAVE mode SCLK can be present
on the WM8756 at all times as this pin is ignored by the WM8756 when it is not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com