Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UD06122G-K10-3030-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UD06122G-K10-3030-R
Description  Stable with Low ESR Output Ceramic Capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD06122G-K10-3030-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UD06122G-K10-3030-R Datasheet HTML 1Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 2Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 3Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 4Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 5Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 6Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 7Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 8Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
UD06122
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 10
www.unisonic.com.tw
QW-R115-013 .A
FUNCTION DESCRIPTIONS
Operation
UTC UD06122 is a dual channel, monolithic switching mode Step-Down DC-DC converter. It utilizes internal
MOSFETs to achieve high efficiency and can generate very low output voltage by using internal reference at 0.6V. It
operates at a fixed switching frequency, and uses the slope compensated current mode architecture. This
Step-Down DC-DC Converter supplies 1.2A output current by each channel with input voltage range from 2.5V to
6.0V.
Current Mode PWM Control
Slope compensated current mode PWM control provides stable switching and cycle-by-cycle current limit for
excellent load and line responses and protection of the internal main switch (P-CH MOSFET) and synchronous
rectifier (N-CH MOSFET). During normal operation, the internal P-CH MOSFET is turned on for a certain time to
ramp the inductor current at each rising edge of the internal oscillator, and switched off when the peak inductor
current is above the error voltage. The current comparator, ICOMP
,
limits the peak inductor current. When the main
switch is off, the synchronous rectifier will be turned on immediately and stay on until either the inductor current
starts to reverse, beginning of the next clock cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com