Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UD06122G-K10-3030-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UD06122G-K10-3030-R
Description  Stable with Low ESR Output Ceramic Capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD06122G-K10-3030-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UD06122G-K10-3030-R Datasheet HTML 1Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 2Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 3Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 4Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 5Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 6Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 7Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 8Page - Unisonic Technologies UD06122G-K10-3030-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UD06122
CMOS IC
www.unisonic.com.tw
1 of 10
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R115-013 .A
DUAL 1.2A 1.5MHz
SYNCHRONOUS BUCK
CONVERTER
DESCRIPTION
The
UTC
UD06122
is
a
dual
high-efficiency
Pulse-Width-Modulated (PWM) step-down DC-DC converter. It is
capable of delivering 1.2A output current over a wide input
voltage range from 2.5V to 6.0V, the UTC UD06122 is ideally
suited for portable electronic devices that are powered from 1-cell
Li-ion battery or from other power sources within the range such
as cellular phones, PDAs and other handheld devices.
Two operational modes are available: PWM/Low-Dropout auto-switch and shutdown modes. Internal
synchronous rectifier with low RDS (ON) dramatically reduces conduction loss at PWM mode. No external Schottky
diode is required in practical application.
The UTC UD06122 enters Low-Dropout mode when normal PWM cannot provide regulated output voltage by
continuously turning on the upper PMOS. The UTC UD06122 enter shutdown mode and consumes less than 0.1μA
when EN pin is pulled low.
The switching ripple is easily smoothed-out by small package filtering elements due to a fixed operation freq
uency of 1.5MHz. Other features include soft start, lower internal reference voltage with 2% accuracy, over t
emperature protection, and over current protection.
FEATURES
* 2.5V~6.0V input voltage range
* Output Adjustable from 0.6V to VIN
* 200/160mΩ Internal Power MOSFET Switch
* Stable with Low ESR Output Ceramic Capacitors
* Up to 95% Efficiency
* Less than 1μA Shutdown Current
* 1.5MHz Switching Frequency
* Thermal Shutdown Protection
* Current limit and short circuit protections.
* Build-in soft start function
ORDERING INFORMATION
Ordering Number
Package
Packing
UD06122G-K10-3030-R
DFN-10(3×3)
Tape Reel
MARKING


Similar Part No. - UD06122G-K10-3030-R

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD0002U XINDEYI-UD0002U Datasheet
131Kb / 8P
N-Channel Enhancement Mode Field Effect Transistor
UD0006 XINDEYI-UD0006 Datasheet
543Kb / 4P
N-Ch 100V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UD0006 UNITPOWER-UD0006 Datasheet
543Kb / 4P
N-Ch 100V Fast Switching MOSFETs
logo
ShenZhen XinDeYi Electr...
UD0008 XINDEYI-UD0008 Datasheet
734Kb / 4P
N-Ch 100V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UD0008 UNITPOWER-UD0008 Datasheet
734Kb / 4P
N-Ch 100V Fast Switching MOSFETs
More results

Similar Description - UD06122G-K10-3030-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38692-ADJ NSC-LP38692-ADJ Datasheet
777Kb / 13P
1A Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
LP38691-ADJ NSC-LP38691-ADJ Datasheet
750Kb / 13P
500mA Low Dropout CMOS Linear Regulators with Adjustable Output / Stable with Ceramic Output Capacitors
LP38843 NSC-LP38843 Datasheet
643Kb / 11P
3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38691-ADJ NSC-LP38691-ADJ_10 Datasheet
399Kb / 14P
500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38692MP-3.3 TI1-LP38692MP-3.3 Datasheet
1Mb / 28P
1A Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691-ADJ TI1-LP38691-ADJ_14 Datasheet
1Mb / 22P
500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
LP38843 TI-LP38843_15 Datasheet
962Kb / 17P
3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38842 TI1-LP38842_15 Datasheet
985Kb / 17P
Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
logo
Unisonic Technologies
UD38252G-SH2-R UTC-UD38252G-SH2-R Datasheet
285Kb / 7P
Stable with Low ESR Ceramic Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com