Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KPC6N137HTL Datasheet(PDF) 7 Page - COSMO Electronics Corporation

Part # KPC6N137HTL
Description  8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC6N137HTL Datasheet(HTML) 7 Page - COSMO Electronics Corporation

Back Button KPC6N137HTL Datasheet HTML 3Page - COSMO  Electronics Corporation KPC6N137HTL Datasheet HTML 4Page - COSMO  Electronics Corporation KPC6N137HTL Datasheet HTML 5Page - COSMO  Electronics Corporation KPC6N137HTL Datasheet HTML 6Page - COSMO  Electronics Corporation KPC6N137HTL Datasheet HTML 7Page - COSMO  Electronics Corporation KPC6N137HTL Datasheet HTML 8Page - COSMO  Electronics Corporation KPC6N137HTL Datasheet HTML 9Page - COSMO  Electronics Corporation KPC6N137HTL Datasheet HTML 10Page - COSMO  Electronics Corporation KPC6N137HTL Datasheet HTML 11Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69P51003.3
- 7 -
http://www.cosmo-ic.com
cosmo
KPC6N137 Series
8PIN HIGH-SPEED OUTPUT
PHOTOCOUPLER
Fig.7 Pulse Width Distortion
vs. Ambient Temperature
Fig.8 Rise and Fall Time
vs. Ambient Temperature
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.9 Switch Time
vs. Ambient Temperature
Fig.10 High Level Output Current
vs. Ambient Temperature
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
-60
-40
-20
20
40
60
80
0
100
200
300
400
0100
Condiction:
VCC=5V
IF=7.5mA
500
600
RL=4KΩ(tr)
RL=1KΩ(tr)
RL=350Ω(tr)
RL=1KΩ
RL=4KΩ
RL=350Ω
(tf)
-60
-40
-20
20
40
60
80
0100
0
5
10
15
20
Condions:
VCC=5.5V
VO=5.5V
VE=2.0V
IF=250uA
-60
-40
-20
20
40
60
80
0
20
40
60
80
0
100
RL=4KΩ
RL=1KΩ
RL=350Ω
Condiction:
VCC=5V
IF=7.5mA
RL=4KΩ TPLH
-60
-40
-20
20
40
60
80
0100
0
40
60
80
100
120
RL=350Ω TPLH
RL=1KΩ TPLH
RL=1KΩ
RL=4KΩ
RL=350Ω
TPHL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com