Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KPC6N137HTL Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KPC6N137HTL
Description  8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC6N137HTL Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KPC6N137HTL Datasheet HTML 1Page - COSMO  Electronics Corporation KPC6N137HTL Datasheet HTML 2Page - COSMO  Electronics Corporation KPC6N137HTL Datasheet HTML 3Page - COSMO  Electronics Corporation KPC6N137HTL Datasheet HTML 4Page - COSMO  Electronics Corporation KPC6N137HTL Datasheet HTML 5Page - COSMO  Electronics Corporation KPC6N137HTL Datasheet HTML 6Page - COSMO  Electronics Corporation KPC6N137HTL Datasheet HTML 7Page - COSMO  Electronics Corporation KPC6N137HTL Datasheet HTML 8Page - COSMO  Electronics Corporation KPC6N137HTL Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69P51003.3
- 4 -
http://www.cosmo-ic.com
cosmo
KPC6N137 Series
8PIN HIGH-SPEED OUTPUT
PHOTOCOUPLER
Propagation delay time
Output (0) (1) (*7)
tPLH
IF=7.5mA,VCC=5V,RL=350Ω,
CL=15pF,Ta=25℃
-
45
75
ns
Propagation delay time
Output (1) (0) (*7)
tPHL
-
45
75
ns
Output rise-fall time (10 to 90%)
tr,tf
IF=7.5mA,VCC=5V,RL=350Ω,CL=15pF
–
30
-
ns
Enable propagation delay time
Output (1) (0) (*8)
tELH
IF=7.5mA,RL=350Ω,CL=15pF,
VEH=3.0V, VEL=0.5V
–
40
-
ns
Enable propagation delay time
Output (0) (1) (*8)
tEHL
-
15
-
ns
Instantaneous common mode
rejection voltage “output(0)” (*9)
CMH
IF=0mA, VCM=10V,VO(Min)=2.0V
RL=350Ω
-
500
-
V/us
Instantaneous common mode
rejection voltage “output(1)” (*9)
CML
IF=5mA, VCM=10V,VO(Max)=0.8V
RL=350Ω
-
-500
-
V/us
Note ) Typical values are all at Vcc = 5V, Ta= 25°C
*1 Ta=0 to 70°C.
*2 Pulse width <= 1ms
*3 40 to 80%RH AC for 1 minute ,f=60HZ.
*4 At Iin =10mA, VF decreases at the rate of 1.6mV/°C if the temperature goes up.*6 Ta=0 to 70°C.
*5 Measured as 2-pin element. Connect pins 2 and 3, connect pins 5, 6, 7 and 8.
*6 DC current transfer ratio is defined as the ratio of output collector current to forward bias input current.
*7 Refer to the Fig. 1.
*8 Refer to the Fig. 2.
*9 CMH represents a common mode voltage ignorable rise time ratio that can hold logic (1) state in output.
CML represents a common mode voltage ignorable fall time ratio that can hold logic (0) state in output.
Circuit Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com