| Electronic Components Datasheet Search |
|
82801AA Datasheet(PDF) 21 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
82801AA Datasheet(HTML) 21 Page - Intel Corporation |
|
21 / 414 page ![]() 82801AA and 82801AB Datasheet 1-1 Introduction Introduction 1 The ICH is a highly integrated multifunctional I/O Controller Hub that provides the interface to the PCI Bus and integrates many of the functions needed in today’s PC platforms. The ICH communicates with the host controller over a dedicated hub interface. There are two versions of the ICH (82801AA: ICH and 82801AB: ICH0). This provides added flexibility in designing cost- effective system solutions. These devices are pin compatible and are in 241-pin packages. This datasheet describes the 82801AA (ICH) and 82801AB (ICH0) components. Unless otherwise specified, all non-shaded areas describe the functionality of both components. In the non-shaded areas, the term I/O Controller Hub (ICH) refers to both the 82801AB and 82801AA products. 1.1 About this Manual This datasheet is intended for Original Equipment Manufacturers and BIOS vendors creating ICH- based products. The datasheet assumes a working knowledge of the vocabulary and principles of USB, IDE, AC’97, SMBus, PCI, ACPI and LPC. Although some details of these features are described within this datasheet, refer to the individual industry specifications listed in Table 1-1 for additional details. Chapter 1. Introduction Chapter 1 introduces the ICH and provides information on datasheet organization. Chapter 2. Signal Description Chapter 2 provides a detailed description of each ICH signal. Signals are arranged according to interface and details are provided as to the drive characteristics (Input/Output, Open Drain, etc.) of the signals. Chapter 3. ICH Power Planes and Pin States Chapter 3 provides a complete list of signals, their associated power well, their logic level in each suspend state, and their logic level before and after reset. Chapter 4. ICH and System Clock Domains Chapter 4 provides a list of each clock domain associated with the ICH in an ICH-based system. Shading, as is shown here, indicates differences between the two components. In the shaded areas ICH refers to the 82801AA and ICH0 refers to the 82801AB. Table 1-1. Industry Specifications Specification Location LPC http://developer.intel.com/design/pcisets/lpc/ AC’97 http://developer.intel.com/pc-supp/platform/ac97/ SMBus http://www.sbs-forum.org/specs.htm PCI http://pcisig.com/specs.htm USB http://www.teleport.com/~usb/docs.htm ACPI http://www.teleport.com/~acpi/ |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |