Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

82801AA Datasheet(PDF) 46 Page - Intel Corporation

Part # 82801AA
Description  82801AB (ICH0) I/O Controller Hub
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801AA Datasheet(HTML) 46 Page - Intel Corporation

Back Button 82801AA Datasheet HTML 42Page - Intel Corporation 82801AA Datasheet HTML 43Page - Intel Corporation 82801AA Datasheet HTML 44Page - Intel Corporation 82801AA Datasheet HTML 45Page - Intel Corporation 82801AA Datasheet HTML 46Page - Intel Corporation 82801AA Datasheet HTML 47Page - Intel Corporation 82801AA Datasheet HTML 48Page - Intel Corporation 82801AA Datasheet HTML 49Page - Intel Corporation 82801AA Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 414 page
background image
Power Planes and Pin States
3-4
82801AB and 82801AA Datasheet
3.3
Power Planes for Input Signals
Table 3-3 shows the power plane associated with each input signal, as well as what device drives
the signal at various times. Valid states include:
High
Low
Static: Will be high or low, but will not change
Driven: Will be high or low, and is allowed to change
Running: For input clocks
Table 3-3. Power Plane for Input Signals
Signal Name
Power Well
Driver During Reset
S1
S3
S5
A20GATE
Core
External Microcontroller
Static
Low
Low
AC_BIT_CLK
Core
AC’97 Codec
Low
Low
Low
AC_SDIN[1:0]
Resume
AC’97 Codec
Low
Low
Low
APICCLK
Core
Clock Generator
Running
Low
Low
CLK14
Core
Clock Generator
Running
Low
Low
CLK48
Core
Clock Generator
Running
Low
Low
FERR#
Core
Processor
Static
Low
Low
CLK66
Hub Interface
Clock Generator
Running
Low
Low
INTRUDER#
RTC
External Switch
Driven
Driven
Driven
IRQ[15:14]
Core
IDE
Driven
Low
Low
LDRQ[0]#
Core
LPC Devices
High
Low
Low
LDRQ[1]#
Resume
LPC Devices
High
Low
Low
OC[1:0]#
Resume
External Pull-Ups
Defined
Defined
Defined
PCICLK
Core
Clock Generator
Running
Low
Low
PDDREQ
Core
IDE Device
Static
Low
Low
PIORDY
Core
IDE Device
Static
Low
Low
PME#
Resume
Internal Pull-Up
Driven
Driven
Driven
PWRBTN#
Resume
Internal Pull-Up
Driven
Driven
Driven
PWROK
Core
System Power Supply
Driven
Low
Low
RCIN#
Core
External Microcontroller
High
Low
Low
REQ[0:3]#
Core
PCI Master
Driven
Low
Low
REQ[4:5]#
(ICH only: 82801AA)
Core
PCI Master
Driven
Low
Low
REQ[B:A]#
Core
PC/PCI Devices
Driven
Low
Low
RI#
Resume
Serial Port Buffer
Driven
Defined
Defined
RSMRST#
RTC
External RC circuit
High
High
High
RTCRST#
RTC
External RC circuit
High
High
High
SDDREQ
Core
IDE Drive
Static
Low
Low
SERR#
Core
PCI Bus Peripherals
High
Low
Low
SIORDY
Core
IDE Drive
Static
Low
Low
THRM#
Core
Thermal Sensor
Driven
Low
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com