Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRF6156 Datasheet(PDF) 13 Page - International Rectifier

Part # IRF6156
Description  FlipFET Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6156 Datasheet(HTML) 13 Page - International Rectifier

Back Button IRF6156 Datasheet HTML 5Page - International Rectifier IRF6156 Datasheet HTML 6Page - International Rectifier IRF6156 Datasheet HTML 7Page - International Rectifier IRF6156 Datasheet HTML 8Page - International Rectifier IRF6156 Datasheet HTML 9Page - International Rectifier IRF6156 Datasheet HTML 10Page - International Rectifier IRF6156 Datasheet HTML 11Page - International Rectifier IRF6156 Datasheet HTML 12Page - International Rectifier IRF6156 Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
IRF6156
www.irf.com
13
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.09/03
Data and specifications subject to change without notice.
This product has been designed and qualified for the Consumer market.
Qualification Standards can be found on IR’s Web site.
12mm
RE COMME NDE D F OOT PR INT
1. T APE AND RE EL OU T LINE CONF ORMS T O E IA-481 & EIA-541.
NOT E S :
12mm
4mm
FEED DIRE CT ION
LOCAT ION
A1 B ALL
0.800 [.032]
C2
Source 2
Source 1
C1
B2
Source 2
Source 1
B1
0.800 [.032]
2x
Gate 2
A2
Gate 1
A1
6X Ø 0.25 [.010]
Ø 13"
0.20 [.008] C
NOTES:
1. DIMENSIONING&TOLERANCINGPER ASME Y14.5M-1994.
2. CONTROLLINGDIMENSION: MILLIMETER
3. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES].
A2 = G2
B1 = S1
A1 = G1
B2 = S2
PADASSIGNMENTS
C
C2 = S2
C1 = S1
0.05 [.002] C
DATE CODE
PART NUMBER
LOT NUMBER
A1 BALL
LOCATION MARK
B
0.10 [.004] C
0.15 [.006]
C A B
0.08 [.003]
C
0.388 [.0153]
0.338 [.0133]
6X Ø
2X
0.10 [.004] C
A
0.280 [.0110]
0.240 [.0094]
0.812 [.032]
0.752 [.029]
0.537 [.0211]
0.507 [.0199]
2.324
[.092]
0.80
[.032]
1.524
[.060]
Bi-Directional MOSFET Pinout Outline Dimension and Tape and Reel Information
Drawing No. 01-0115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com