Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRF6156 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF6156
Description  FlipFET Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6156 Datasheet(HTML) 2 Page - International Rectifier

  IRF6156 Datasheet HTML 1Page - International Rectifier IRF6156 Datasheet HTML 2Page - International Rectifier IRF6156 Datasheet HTML 3Page - International Rectifier IRF6156 Datasheet HTML 4Page - International Rectifier IRF6156 Datasheet HTML 5Page - International Rectifier IRF6156 Datasheet HTML 6Page - International Rectifier IRF6156 Datasheet HTML 7Page - International Rectifier IRF6156 Datasheet HTML 8Page - International Rectifier IRF6156 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
IRF6156
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Pulse width ≤ 400µs; duty cycle ≤ 2%. Gate voltage applied to both gates.
ƒ When mounted on 1 inch square 2oz copper on FR-4.
„ Figures 1, 2 and 3: One Fet is biased with V
GS = 9.0V and curves show response of the second FET.
See Fig.4.
… Figures 5, 6 and 7: G1 and G2 are shorted. See Fig.9a&b.
† The diode connected between the gate and source serves only as protection against ESD.
No gate over voltage rating is implied.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)SSS
Source-to-Source Breakdown Voltage
20
–––
–––
V
VGS=0V, IS=250µA,See Fig. 23a&b
∆V
(BR)SSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
16
–––
mV/°C Reference to 25°C,IS=1mA,Fig.23a&b
RSS(on)
Static Source-to-Source On-Resistance –––
27
40
m
Ω V
GS1,2 = 4.5V, IS = 6.5A
d Fig.11a&b
–––
43
60
VGS1,2 = 2.5V, IS = 5.2A
d
VGS(th)
Gate Threshold Voltage
0.45
–––
1.2
V
VSS = VGS, IS = 250µA
d Fig. 10a&b
gfs
Forward Transconductance
18
–––
–––
S
VSS = 10V, IS = 6.5A, See Fig. 4
–––
–––
1.0
µA
VSS = 20V, VGS = 0V,See Fig.23a&b
ISSS
Zero Gate Voltage Source Current
–––
–––
25
VSS = 16V, VGS = 0V, TJ = 125°C
–––
50
–––
nA
VSS = 4.5V, VGS = 0V, TJ = 25°C
–––
100
–––
VSS = 4.5V, VGS = 0V, TJ = 60°C
IGSS
Gate-to-Source Forward Leakage
–––
8.0
20
µA
VGS = 12V, See Fig. 22
Gate-to-Source Reverse Leakage
–––
-8.0
-20
VGS = -12V
Gate-to-Source Forward Leakage
–––
0.20
0.5
µA
VGS = 4.5V
Gate-to-Source Reverse Leakage
––– -0.20
-0.5
VGS = -4.5V
Qg
Total Gate Charge
–––
12
18
IS = 6.5A
Qgs
Gate-to-Source Charge
–––
1.6
2.4
nC
VSS = 16V
QG1-S2
Miller Charge
–––
4.4
6.6
VGS = 5.0V, See Fig. 14a,b&c
td(on)
Turn-On Delay Time
–––
8.0
–––
VSS = 10V
tr
Rise Time
–––
13
–––
ns
IS = 1.0A
td(off)
Turn-Off Delay Time
–––
33
–––
RG = 3.0Ω
tf
Fall Time
–––
26
–––
VGS = 5.0V, See Fig. 21a,b&c
Ciss
Input Capacitance
–––
950
–––
VGS = 0V
Coss
Output Capacitance
–––
210
–––
pF
VSS = 15V
Crss
Reverse Transfer Capacitance
–––
150
–––
ƒ = 1.0KHz, See Fig. 13a,b,c,d,e&f
Vssf
Source-to-Source Diode Forward
–––
–––
1.2
V
See Fig. 17a&b
Voltage, One Device On
Iss = 2.5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com