Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACTF4228 Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF4228
Description  Low-loss Bandpass filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF4228 Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF4228 Datasheet HTML 1Page - Advanced Crystal Technology ACTF4228 Datasheet HTML 2Page - Advanced Crystal Technology ACTF4228 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email:info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
- 3 -
Environmental Characteristic
Test item
Condition of test
Requirements
1
Mechanical
shock
(a) Drops: 3 times on concrete floor
(b) Height: 1.0m
The SAW filter
shall remain within
the electrical
specifications
after tests.
2
Vibration
resistance
(a) Frequency of vibration: 10~55Hz
(b) Amplitude: 1.5mm
(c) Directions: X,Y and Z
(d) Duration: 2 hours
3
Moisture
resistance
(a) Condition: 40°C, 90~95% R.H.
(b) Duration: 96 hours
(c) Wait 4 hours before measurement
4
Climatic
sequence
(a) +70
℃ for 16 hours
(b) +55
℃ for 24 hours, 90~95% R.H.
(c) -25
℃ for 2 hours
(d) +40
℃ for 24 hours, 90~95% R.H.
(e) Wait 4 hours before measurement
5
High
Temperature
Exposure
(a) Temperature: 70°C
(b) Duration: 250 hours
(c) Wait 4 hours before measurement
6
Thermal impact
(a) +70°C for 30 minutes ⇒ -25°C for 30 minutes repeated 3 times
(b) Wait 4 hours before measurement
Remarks
8-1 Static voltage
Static voltage between signal load & ground may cause deterioration & destruction of the SAW filter.
Please avoid static voltage.
8-2 Ultrasonic cleaning
Ultrasonic vibration may cause deterioration & destruction of the SAW filter.
Please avoid ultrasonic
cleaning.
8-3 Soldering
Only terminals of the SAW filter may be soldered.
Please avoid soldering other parts of the SAW filter.
Soldering Profile
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications, processes and
circuits implemented within components or assemblies.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com