Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACTF4228 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF4228
Description  Low-loss Bandpass filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF4228 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF4228 Datasheet HTML 1Page - Advanced Crystal Technology ACTF4228 Datasheet HTML 2Page - Advanced Crystal Technology ACTF4228 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email:info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
- 1 -
ACTF4228/460/3.8SQ
Features
Low-loss Bandpass filter.
Ceramic Package for Surface Mounted
Technology (SMT)
Lead-free Production and RoHS Compliance
Package Dimensions
Marking
Laser marking
Maximum Ratings
Rating
Value
Unit
Source Power
P
15
dBm
DC Voltage
VDC
0
V
Operating Temperature Range
TA
-40 ~ +85
°C
Storage Temperature Range
Tstg
-40 ~ +85
°C
Pin
Configuration
2
Input
5
Output
1, 3, 4, 6
Ground
Sign
Data (unit: mm)
Sign
Data (unit: mm)
A
1.90±0.1
E
1.35±0.15
B
0.64±0.1 (x6)
F
3.80±0.15
C
1.00±0.1 (x5)
G
3.80±0.15
D
1.27±0.1 (x4)


Similar Part No. - ACTF4228

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF420 ACT-ACTF420 Datasheet
89Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF420/315.0/QCC8C ACT-ACTF420/315.0/QCC8C Datasheet
89Kb / 3P
low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF4201 ACT-ACTF4201 Datasheet
381Kb / 6P
RF filter
ACTF4201-415-DCC8 ACT-ACTF4201-415-DCC8 Datasheet
381Kb / 6P
RF filter
ACTF4201/415/DCC8 ACT-ACTF4201/415/DCC8 Datasheet
381Kb / 6P
RF filter
More results

Similar Description - ACTF4228

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
854909 TRIQUINT-854909 Datasheet
39Kb / 1P
Std Low-Loss 140 MHz Bandpass Filter
854913 TRIQUINT-854913 Datasheet
45Kb / 1P
Std Low-Loss 140 MHz Bandpass Filter
854916 TRIQUINT-854916 Datasheet
41Kb / 1P
Std Low-Loss 140 MHz Bandpass Filter
854919 TRIQUINT-854919 Datasheet
43Kb / 1P
Std Low-Loss 140 MHz Bandpass Filter
854920 TRIQUINT-854920 Datasheet
43Kb / 1P
Std Low-Loss 140 MHz Bandpass Filter
854923 TRIQUINT-854923 Datasheet
59Kb / 1P
Std Low-Loss 140 MHz Bandpass Filter
logo
EPCOS
X7550D EPCOS-X7550D Datasheet
77Kb / 8P
SAW bandpass Filter Low loss bandpass filter for terrestrial TV applications
logo
Oscilent Corporation
809-SL140.0M-18 OSCILENT-809-SL140.0M-18 Datasheet
266Kb / 2P
140.0 MHz Bandpass Filter Low Loss
813-SL140.0M-10B OSCILENT-813-SL140.0M-10B Datasheet
186Kb / 2P
140.0 MHz Bandpass Filter Low Loss
813-SL140.0M-28 OSCILENT-813-SL140.0M-28 Datasheet
237Kb / 2P
140.0 MHz Bandpass Filter Low Loss
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com