Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FPD87310 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87310
Description  Universal Interface XGA Panel Timing Controller with RSDS??(Reduced Swing Differential Signaling) and FPD-Link
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87310 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button FPD87310 Datasheet HTML 8Page - National Semiconductor (TI) FPD87310 Datasheet HTML 9Page - National Semiconductor (TI) FPD87310 Datasheet HTML 10Page - National Semiconductor (TI) FPD87310 Datasheet HTML 11Page - National Semiconductor (TI) FPD87310 Datasheet HTML 12Page - National Semiconductor (TI) FPD87310 Datasheet HTML 13Page - National Semiconductor (TI) FPD87310 Datasheet HTML 14Page - National Semiconductor (TI) FPD87310 Datasheet HTML 15Page - National Semiconductor (TI) FPD87310 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Programmable Registers (Continued)
TABLE 1. FPD87310 Programmable Register Definition (Continued)
Control
Registers
EEPROM
Address
The CONTROL REGISTER provide more setting information to the
input and output interfaces.
General
Purpose Output
GPO Registers
(10 sets)
See Table 2
EEPROM
Memory Map
GPO[0]:a=08B
H
GPO[1]:a=094
H
GPO[2]:a=09D
H
GPO[3]:a=0A6
H
GPO[4]:a=0AF
H
GPO[5]:a=0B8
H
GPO[6]:a=0C1
H
GPO[7]:a=0CA
H
GPO[8]:a=0D3
H
GPO[9]:a=0DC
H
The GPO registers provide complete control over placement of control edges/strobes within
the data frame.
The GPO timing registers (Vertical Start, Vertical Duration, Horizontal Start, and Horizontal
Duration) define the control timing relative to the Internal line and pixel counters.
The line counter corresponds to the line being displayed. The pixel counter corresponds to
the pixel output each line. The Control Register provides polarity selection and/or
generation of a line to line frame to frame alternating signal (REV). Each General Purpose
Output can be uniquely configured.
See the GPO programming examples for details.
- GPO[0]: provides for the data inverting function enabled by bit [3] of the Output Format
Control Register.
- GPO[9]: provides programmable data and clock blanking.
Horizontal Start
(11 bits)
(a+1), (a)
Internal count (pixel counter) at which GPO[x] goes active
Horizontal
Duration
(11 bits)
(a+3), (a+2)
# Pixel Clocks GPO[x] is active after Horizontal Start (if “0”, Horizontal component is always
on)
Vertical Start
(11 bits)
(a+5), (a+4)
Line# at which GPO[x] control generation begins
Vertical Duration
(11 bits)
(a+7), (a+6)
# Lines GPO[x] control generation continues (if “0”, Vertical component is always on)
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com