Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFH4052 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4052
Description  High Power Infrared Emitter (850 nm)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4052 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4052 Datasheet HTML 1Page - OSRAM GmbH SFH4052 Datasheet HTML 2Page - OSRAM GmbH SFH4052 Datasheet HTML 3Page - OSRAM GmbH SFH4052 Datasheet HTML 4Page - OSRAM GmbH SFH4052 Datasheet HTML 5Page - OSRAM GmbH SFH4052 Datasheet HTML 6Page - OSRAM GmbH SFH4052 Datasheet HTML 7Page - OSRAM GmbH SFH4052 Datasheet HTML 8Page - OSRAM GmbH SFH4052 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2013-11-29
1
2013-11-29
High Power Infrared Emitter (850 nm)
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
Version 1.0
SFH 4052
Features:
Besondere Merkmale:
• High optical power
• Hohe Gesamtleistung
• Small package (LxWxH): 3.2 mm x 1.6 mm x 1.1
mm
• Kleines Gehäuse (LxBxH): 3.2 mm x 1.6mm x 1.1
mm
• 850nm emitter
• 850nm Emitter
• CHIPLED with +/-40° halfangle
• CHIPLED mit +/-40° Halbwinkel
Applications
Anwendungen
• Miniature photointerrupters
• Miniaturlichtschranken
• Industrial electronics
• Industrieelektronik
• For control and drive circuits
• „Messen/Steuern/Regeln”
•Sensor technology
• Sensorik
Notes
Hinweise
Depending on the mode of operation, these devices
emit highly concentrated non visible infrared light
which can be hazardous to the human eye. Products
which incorporate these devices have to follow the
safety precautions given in IEC 60825-1 and IEC
62471.
Je nach Betriebsart emittieren diese Bauteile
hochkonzentrierte, nicht sichtbare
Infrarot-Strahlung, die gefährlich für das
menschliche Auge sein kann. Produkte, die diese
Bauteile enthalten, müssen gemäß den
Sicherheitsrichtlinien der IEC-Normen 60825-1 und
62471 behandelt werden.


Similar Part No. - SFH4052

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH405 SIEMENS-SFH405 Datasheet
33Kb / 4P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
logo
OSRAM GmbH
SFH405 OSRAM-SFH405 Datasheet
230Kb / 6P
GaAs Infrared Emitter
SFH405 OSRAM-SFH405 Datasheet
130Kb / 7P
GaAs-IR-Lumineszenzdiode
SFH4050 OSRAM-SFH4050 Datasheet
222Kb / 8P
High Power Infrared Emitter (850 nm)
SFH4050 OSRAM-SFH4050 Datasheet
425Kb / 13P
High Power Infrared Emitter
More results

Similar Description - SFH4052

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4230 OSRAM-SFH4230 Datasheet
226Kb / 8P
High Power Infrared Emitter (850 nm)
SFH4050 OSRAM-SFH4050 Datasheet
222Kb / 8P
High Power Infrared Emitter (850 nm)
SFH4255 OSRAM-SFH4255 Datasheet
225Kb / 9P
High Power Infrared Emitter (850 nm)
SFH4250 OSRAM-SFH4250 Datasheet
231Kb / 9P
High Power Infrared Emitter (850 nm)
SFH4257 OSRAM-SFH4257 Datasheet
223Kb / 9P
High Power Infrared Emitter (850 nm)
SFH4252 OSRAM-SFH4252 Datasheet
226Kb / 9P
High Power Infrared Emitter (850 nm)
SFH4059SR OSRAM-SFH4059SR Datasheet
365Kb / 13P
High Power Infrared Emitter (850 nm)
SFH4232A OSRAM-SFH4232A Datasheet
307Kb / 12P
High Power Infrared Emitter (850 nm)
SFH4254 OSRAM-SFH4254 Datasheet
279Kb / 13P
High Power Infrared Emitter (850 nm)
SFH-4254 OSRAM-SFH-4254 Datasheet
279Kb / 13P
High Power Infrared Emitter (850 nm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com