| Electronic Components Datasheet Search |
|
SFH4052 Datasheet(PDF) 3 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
SFH4052 Datasheet(HTML) 3 Page - OSRAM GmbH |
|
3 / 13 page ![]() Version 1.0 SFH 4052 2013-11-29 3 Characteristics (TA = 25 °C) Kennwerte Parameter Symbol Values Unit Bezeichnung Symbol Werte Einheit Emission wavelength Zentrale Emissionswellenlänge (IF = 100 mA, tp = 20 ms) (typ) λpeak 860 nm Centroid Wavelength Schwerpunktwellenlänge der Strahlung (IF = 100 mA, tp = 20 ms) (typ) λcentroid 850 nm Spectral bandwidth at 50% of Imax Spektrale Bandbreite bei 50% von Imax (IF = 100 mA, tp = 20 ms) (typ) Δλ 30 nm Half angle Halbwinkel (typ) ϕ ± 40 ° Active chip area Aktive Chipfläche (typ) A 0.09 mm2 Dimensions of active chip area Abmessungen der aktiven Chipfläche (typ) L x W 0.3 x 0.3 mm x mm Rise and fall time of Ie ( 10% and 90% of Ie max) Schaltzeit von Ie ( 10% und 90% von Ie max) (IF = 70 mA, RL = 50 Ω) (typ) tr, tf 12 ns Forward voltage Durchlassspannung (IF = 70 mA, tp = 20 ms) (typ (max)) VF 1.45 (≤ 1.75) V Forward voltage Durchlassspannung (IF = 1 A, tp = 100 μs) (typ (max)) VF 2.4 V Reverse current Sperrstrom (VR = 5 V) (typ (max)) IR not designed for reverse operation µA Total radiant flux Gesamtstrahlungsfluss (IF=70 mA, tp = 20 ms) (typ) Φe 40 mW |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |