Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFH4232A Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH4232A
Description  High Power Infrared Emitter (850 nm)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4232A Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH4232A Datasheet HTML 1Page - OSRAM GmbH SFH4232A Datasheet HTML 2Page - OSRAM GmbH SFH4232A Datasheet HTML 3Page - OSRAM GmbH SFH4232A Datasheet HTML 4Page - OSRAM GmbH SFH4232A Datasheet HTML 5Page - OSRAM GmbH SFH4232A Datasheet HTML 6Page - OSRAM GmbH SFH4232A Datasheet HTML 7Page - OSRAM GmbH SFH4232A Datasheet HTML 8Page - OSRAM GmbH SFH4232A Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2014-01-08
4
Version 1.4 acc. to OS-PCN-2013-003-A1
SFH 4232A
Grouping (TA = 25 °C)
Gruppierung
Group
Min Total Radiant Flux
Max Total Radiant Flux
Gruppe
Min Gesamtstrahlungsfluss
Max Gesamtstrahlungsfluss
IF = 1 A, tp = 10 ms
IF = 1 A, tp = 10 ms
Φe min [mW]
Φe max [mW]
SFH 4232A - DA
400
630
SFH 4232A - DB
500
800
SFH 4232A - EA
630
1000
Note: Measured with integrating sphere.
Only one group in one package unit ( variation lower 1.6:1)
Anm: Gemessen mit einer Ulbrichtkugel.
Nur eine Gruppe in einer Verpackungseinheit (Streuung kleiner 1.6:1).
Relative Total Radiant Flux 1) page 11
Relativer Gesamtstrahlungsfluss 1) Seite 11
Φe/Φe (1A) = f(IF), TA = 25°C, Single pulse, tp= 100μs
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f(TS), RthJS= 10 K/W
OHF05526
I
F
A
10
5 10
5
1
10
-2
10
-3
10
5
10
10
5
-1
5
0
e (1 A)
e
Φ
1
10
0
10
-1
-2
Φ
-40
100
0
200
400
300
500
˚C
T
S
700
600
800
F
I
900
mA
1100
OHF05527
-20
0
20 40 60 80
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com