Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFH4232A Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH4232A
Description  High Power Infrared Emitter (850 nm)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4232A Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH4232A Datasheet HTML 1Page - OSRAM GmbH SFH4232A Datasheet HTML 2Page - OSRAM GmbH SFH4232A Datasheet HTML 3Page - OSRAM GmbH SFH4232A Datasheet HTML 4Page - OSRAM GmbH SFH4232A Datasheet HTML 5Page - OSRAM GmbH SFH4232A Datasheet HTML 6Page - OSRAM GmbH SFH4232A Datasheet HTML 7Page - OSRAM GmbH SFH4232A Datasheet HTML 8Page - OSRAM GmbH SFH4232A Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Version 1.4 acc. to OS-PCN-2013-003-A1
SFH 4232A
2014-01-08
5
Forward Current 1) page 11
Durchlassstrom 1) Seite11
IF= f(VF), single pulse, tp = 100 µs, TA= 25°C
Permissible Pulse Handling Capability
Zulässige Pulsbelastbarkeit
IF = f(tp), TS = 85 °C, duty cycle D = parameter
Radiation Characteristics 1) page 11
Abstrahlcharakteristik 1) Seite 11
Irel = f(ϕ)
1
I
OHF05607
F
V
F
A
V
10
0
1
10
10
-2
10
-1
1.2
1.4
1.6
1.8
2
-1
-5
-4
-3
-2
10
10
10
10
10
0.8
012
10
s
tp
10
10
A
I
F
t
P
D
T
=
T
P
t
I
F
OHF05528
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.1
0.5
1
0.1
0.33
0.2
0.02
0.05
=
0.01
D
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
0˚
10˚
20˚
40˚
30˚
OHL01660
50˚
60˚
70˚
80˚
90˚
100˚
0˚
20˚
40˚
60˚
80˚
100˚
120˚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com