Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP2354 Datasheet(PDF) 3 Page - SYNC POWER Crop.

Part # SP2354
Description  1A Buck-Boost LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SP2354 Datasheet(HTML) 3 Page - SYNC POWER Crop.

  SP2354 Datasheet HTML 1Page - SYNC POWER Crop. SP2354 Datasheet HTML 2Page - SYNC POWER Crop. SP2354 Datasheet HTML 3Page - SYNC POWER Crop. SP2354 Datasheet HTML 4Page - SYNC POWER Crop. SP2354 Datasheet HTML 5Page - SYNC POWER Crop. SP2354 Datasheet HTML 6Page - SYNC POWER Crop. SP2354 Datasheet HTML 7Page - SYNC POWER Crop. SP2354 Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2016/3/16
Ver.1
Page 3
SP2354
1A Buck-Boost LED Driver
BLOCK DIAGRAM
ORDERING INFORMATION
Part Number
Package
Part Marking
SP2354DN10RGB
DFN-10
SP2354
※ SP2354DN10RGB : 7” Tape Reel; Pb – Free, Halogen-Free
ABSOULTE MAXIMUM RATINGS (TA=25
℃, unless otherwise specified.)
The following ratings designate persistent limits beyond which damage to the device may occur
.
Symbol
Parameter
Value
Unit
VIN
DC Supply Voltage
-0.3 ~ 6
V
IOUT
Output Current, Source or Sink
1
A
TJ
Operating Junction Temperature Range
125
TSTG
Storage Temperature Range
-40 to 125
TLEAD
Lead Soldering Temperature for 5 sec.
260
Tope
Operation Temperature Range
-40 ~ 85
RӨJC
Thermal Resistance Junction – Case (*)
10
℃/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com