Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP2354 Datasheet(PDF) 4 Page - SYNC POWER Crop.

Part # SP2354
Description  1A Buck-Boost LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SP2354 Datasheet(HTML) 4 Page - SYNC POWER Crop.

  SP2354 Datasheet HTML 1Page - SYNC POWER Crop. SP2354 Datasheet HTML 2Page - SYNC POWER Crop. SP2354 Datasheet HTML 3Page - SYNC POWER Crop. SP2354 Datasheet HTML 4Page - SYNC POWER Crop. SP2354 Datasheet HTML 5Page - SYNC POWER Crop. SP2354 Datasheet HTML 6Page - SYNC POWER Crop. SP2354 Datasheet HTML 7Page - SYNC POWER Crop. SP2354 Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2016/3/16
Ver.1
Page 4
SP2354
1A Buck-Boost LED Driver
ELECTRICAL CHARACTERISTICS
(Unless otherwise stated, these specifications apply TA=25°C; VIN=3.6V, RISET=22K)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
SUPPLY
VIN
Supply Voltage
2.8
5.5
V
IIN
Supply Current
2.9V <= VIN <= 5.5V
1000
1350
uA
2.9V <= VIN <= 5.5V,
VEN1 = VEN2 = 0V
1
uA
VIN < UVLO,
VEN1 = VEN2 = VIN
5
10
uA
UVLO
Under Voltage Lockout Threshold
VIN Rising
2.6
2.8
V
VIN Falling
2.15
2.35
V
OSC
Oscillator Frequency
825
925
1050
KHz
OUTPUT
VOUT
Maximum VOUT
LED Pin Open,
ILED = 1A
5
5.2
5.4
V
VISET
ISET1 and ISET2 Voltage
3.08K <= RISET <=20.5K
934
954
967
mV
VLED
LED Pin Voltage
ILED = 1A
140
mV
IRATIO*
LED Output Current to Programmed
Current Ratio
ILED = 500mA
3150
3550
3800
ENABLE
VEN
Enable Shutdown Voltage
0.2
0.66
V
VEN(NOR)
Enable Voltage Normal Operation
0.68
1.2
V
IEN
Enable 1 and Enable 2 Current
-1
1
uA
SOFT START
TSS
Soft-Start Period
0.9V to 2.1V
300
uS
SWITCHING REGULATOR
RPMOS**
RDS(on) for Switch A and D
VOUT = 3.6V
170
mΩ
RNMOS**
RDS(on) for Switch B and C
130
mΩ
ILPMOS
Leakage Current for Switch A and D
-1
1
uA
ILNMOS
Leakage Current for Switch B and C
-1
1
uA
IF
Forward Switch Current Limit
Switch A
2.5
3.5
A
IR
Reverse Switch Current Limit
Switch D, VOUT = 3.6V
500
mA
* IRATIO = ILED/(IISET1 + IISET2)
** Guaranteed by Design



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com