| Electronic Components Datasheet Search |
|
LD274-3 Datasheet(PDF) 2 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
LD274-3 Datasheet(HTML) 2 Page - OSRAM GmbH |
|
2 / 11 page ![]() 2011-03-14 2 Version 1.0 LD 274 Ordering Information Bestellinformation Maximum Ratings (TA = 25 °C) Grenzwerte Type: Radiant Intensity Ordering Code Typ: Strahlstärke Bestellnummer IF= 100 mA, tp= 20 ms Ie [mW/sr] LD 274 90 (≥ 50) Q62703Q1031 LD 274-2 50 ... 100 Q62703Q1819 LD 274-3 ≥ 80 Q62703Q1820 Note: Measured at a solid angle of Ω = 0.001 sr; LD 274-2 is only available on request. Anm:: Gemessen bei einem Raumwinkel Ω = 0.001 sr; LD 274-2 ist nur auf Anfrage lieferbar. Parameter Symbol Values Unit Bezeichnung Symbol Werte Einheit Operation and storage temperature range Betriebs- und Lagertemperatur Top; Tstg -40 ... 100 °C Reverse voltage Sperrspannung VR 5V Forward current Durchlassstrom IF 100 mA Surge current Stoßstrom (tp ≤ 10 μs, D = 0) IFSM 3A Total power dissipation Verlustleistung Ptot 165 mW Thermal resistance junction - ambient Wärmewiderstand Sperrschicht - Umgebung RthJA 450 K / W |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |