Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD274-3 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LD274-3
Description  GaAs Infrared Emitter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LD274-3 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LD274-3 Datasheet HTML 2Page - OSRAM GmbH LD274-3 Datasheet HTML 3Page - OSRAM GmbH LD274-3 Datasheet HTML 4Page - OSRAM GmbH LD274-3 Datasheet HTML 5Page - OSRAM GmbH LD274-3 Datasheet HTML 6Page - OSRAM GmbH LD274-3 Datasheet HTML 7Page - OSRAM GmbH LD274-3 Datasheet HTML 8Page - OSRAM GmbH LD274-3 Datasheet HTML 9Page - OSRAM GmbH LD274-3 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2011-03-14
6
Version 1.0
LD 274
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF, max = f(TA)
Forward Current
Durchlassstrom
IF = f(VF), single pulse, tp = 100 µs, TA= 25°C
Permissible Pulse Handling Capability
Zulässige Pulsbelastbarkeit
IF = f(tp), TC < 25 °C, duty cycle D = parameter
OHR00883
0
F
Ι
0
20
40
60
80
100
120
20
40
60
80
100
120
mA
˚C
T
A
R
thjA = 450 K/W
V
OHR01041
F
F
Ι
1
1
10
0
10
-1
10
10
-2
A
1.5
2
2.5
33.5
4 V 4.5
max.
typ.
t
OHR00860
p
-5
10
10
2
Ι
F
10
3
10
4
5
DC
0.2
0.5
0.1
0.005
0.01
0.02
0.05
t p
T
Ι
F
t p
T
D =
5
mA
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
s
D =



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com