Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GWMAFJB1.EM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWMAFJB1.EM
Description  Shop lighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWMAFJB1.EM Datasheet(HTML) 1 Page - OSRAM GmbH

  GWMAFJB1.EM Datasheet HTML 1Page - OSRAM GmbH GWMAFJB1.EM Datasheet HTML 2Page - OSRAM GmbH GWMAFJB1.EM Datasheet HTML 3Page - OSRAM GmbH GWMAFJB1.EM Datasheet HTML 4Page - OSRAM GmbH GWMAFJB1.EM Datasheet HTML 5Page - OSRAM GmbH GWMAFJB1.EM Datasheet HTML 6Page - OSRAM GmbH GWMAFJB1.EM Datasheet HTML 7Page - OSRAM GmbH GWMAFJB1.EM Datasheet HTML 8Page - OSRAM GmbH GWMAFJB1.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
2013-12-02
1
DRAFT – For Reference only.
Subject to change.
2013-12-02
SOLERIQ® P 9
Datasheet
Draft Version 0.0
GW MAFJB1.EM
To make system designs easy, the SOLERIQ® P 9
has only a single flux and color bin and is specified at
85 °C to mimic the temperatures typically found in
directional applications. The small light emitting
surface of only 9 mm diameter enables system
designs with very small optics and world class center
beam candlepower (CBCP). Hence only one
SOLERIQ® P 9 can replace a traditional 35 W HID
lamp while maintaining a compact form factor.
Um die Systementwicklung leicht zu machen, hat die
SOLERIQ® P 9 LED nur eine Helligkeits- und
Farbortgruppe und ist bei 85 °C, einer typischen
Applikationstemperatur, spezifiziert. Die kleine Licht
emittierenden Fläche von nur 9 mm Durchmesser
ermöglicht Systemdesigns mit sehr kleinen Optiken
und Weltklasse Lichtstärke (cd) Werten. Dadurch
kann auch unter Beibehaltung eines kompakten
Formfaktors eine traditionelle 35 W HID Lampe von
nur einer SOLERIQ® P 9 ersetzt werden.
Features:
Besondere Merkmale:
• Package: Chip-on-Board
• Gehäusetyp: Chip-on-Board
• Viewing angle at 50 % IV: 120°
• Abstrahlwinkel bei 50 % IV: 120°
• Color: 2700 K - 5000 K ( white )
• Farbe: 2700 K - 5000 K ( weiß )
• CRI: min. 80 ( typ. 82 )
• CRI: min. 80 ( typ. 82 )
• Luminous Flux: typ. 2000 lm @ 3000 K, 85 °C
• Lichtstrom: typ. 2000 lm @ 3000 K, 85 °C
• Luminous efficacy: typ.
100 lm/W @ 3000 K,85 °C • Lichtausbeute: typ. 100 lm/W @ 3000 K, 85 °C
Applications
Anwendungen
• Spot lights
• Spot-Leuchten
•Shop lighting
•Ladenbeleuchtung


Similar Part No. - GWMAFJB1.EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWMAFJB1.CM OSRAM-GWMAFJB1.CM Datasheet
427Kb / 19P
Chip-on-Board
More results

Similar Description - GWMAFJB1.EM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54123 NSC-54123 Datasheet
157Kb / 4P
DUAL RETRIGGERABLE ONE-SHOP WITH CLEAR AND COMPLEMENTARY OUTPUTS
logo
Toshiba Semiconductor
TLWNF1108A TOSHIBA-TLWNF1108A Datasheet
268Kb / 13P
General Lighting
logo
FSP TECHNOLOGY INC.
FSP075-NZMCH-700 FSP-FSP075-NZMCH-700 Datasheet
122Kb / 1P
LED Lighting
FSP075-NZMVH-42 FSP-FSP075-NZMVH-42 Datasheet
123Kb / 1P
LED Lighting
FSP075-NZMVH-48 FSP-FSP075-NZMVH-48 Datasheet
123Kb / 1P
LED Lighting
FSP075-NZMVH-54 FSP-FSP075-NZMVH-54 Datasheet
123Kb / 1P
LED Lighting
FSP80-ZZAE210VG FSP-FSP80-ZZAE210VG Datasheet
124Kb / 1P
LED Lighting
FSP100-NZMCH-1050 FSP-FSP100-NZMCH-1050 Datasheet
122Kb / 1P
LED Lighting
FSP100-NZMCH-1400 FSP-FSP100-NZMCH-1400 Datasheet
122Kb / 1P
LED Lighting
FSP100-NZMCH-2100 FSP-FSP100-NZMCH-2100 Datasheet
122Kb / 1P
LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com