Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GWMAFJB1.EM Datasheet(PDF) 6 Page - OSRAM GmbH

Part # GWMAFJB1.EM
Description  Shop lighting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWMAFJB1.EM Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button GWMAFJB1.EM Datasheet HTML 2Page - OSRAM GmbH GWMAFJB1.EM Datasheet HTML 3Page - OSRAM GmbH GWMAFJB1.EM Datasheet HTML 4Page - OSRAM GmbH GWMAFJB1.EM Datasheet HTML 5Page - OSRAM GmbH GWMAFJB1.EM Datasheet HTML 6Page - OSRAM GmbH GWMAFJB1.EM Datasheet HTML 7Page - OSRAM GmbH GWMAFJB1.EM Datasheet HTML 8Page - OSRAM GmbH GWMAFJB1.EM Datasheet HTML 9Page - OSRAM GmbH GWMAFJB1.EM Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
2013-12-02
6
DRAFT – For Reference only.
Subject to change.
Draft Version 0.0
GW MAFJB1.EM
Color Chromaticity Groups 6) page 18
Farbortgruppen 6) Seite 18
Chromaticity Coordinate Groups 6) page18
Farbortgruppen 6) Seite18
Group
Cx
Cy
a
b
Θ
50S3
0.3450
0.3547
0.0081
0.0035
60
40S3
0.3823
0.3790
0.0094
0.0040
53
35S3
0.4077
0.3908
0.0093
0.0041
53
30S3
0.4339
0.4020
0.0085
0.0041
53
27S3
0.4578
0.4092
0.0079
0.0041
54
Note:
Cx and Cy are the center coordinates of the ellipse, a the length of the major axis, b the length of the minor axis and
Θ the angle of the major axis as defined in IEC 68001.
Anm.:
Cx und Cy sind die Mittelpunktkoordinaten der Ellipse, a die Länge der Hauptachse, b die Länge der Nebenachse
und Θ der Winkel der Hauptachse wie in IEC 68001 definiert.
2700K
3000K
3500K
4000K
4500K
5000K
5700K
6500K
0.300
0.320
0.340
0.360
0.380
0.400
0.420
0.440
0.300
0.320
0.340
0.360
0.380
0.400
0.420
0.440
0.460
0.480
0.500
Cy
Cx
Coordinates in reference to CIE 1931 (cx cy)
warm white
neutral white
cool white
Coordinates in reference to CIE 1931 (cx cy)
warm white
neutral white
cool white
27S3
30S3
35S3
40S3
45S3
50S3
57S3
65S3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com