Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LECWE3A Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LECWE3A
Description  Lighting without Optics
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECWE3A Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LECWE3A Datasheet HTML 5Page - OSRAM GmbH LECWE3A Datasheet HTML 6Page - OSRAM GmbH LECWE3A Datasheet HTML 7Page - OSRAM GmbH LECWE3A Datasheet HTML 8Page - OSRAM GmbH LECWE3A Datasheet HTML 9Page - OSRAM GmbH LECWE3A Datasheet HTML 10Page - OSRAM GmbH LECWE3A Datasheet HTML 11Page - OSRAM GmbH LECWE3A Datasheet HTML 12Page - OSRAM GmbH LECWE3A Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
LE CW E3A
2008-02-11
9
Relative spektrale Emission pro Chip
2) Seite 19
Relative Spectral Emission per Chip
2) page 19
V(
λ) = spektrale Augenempfindlichkeit / Standard eye response curve
Φ
el = f (λ), Tboard = 25 °C, IF = 700 mA
Abstrahlcharakteristik (ohne Optik)
2) Seite 19
Radiation Characteristic (without optics)
2) page 19
Ι
rel = f (ϕ); Tboard = 25 °C
40
0
400
20
450
500
550
60
80
rel
Φ
100
%
nm
650
600
700
λ
750
OHL12892
Vλ
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
0˚
10˚
20˚
40˚
30˚
OHL01660
50˚
60˚
70˚
80˚
90˚
100˚
0˚
20˚
40˚
60˚
80˚
100˚
120˚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com