Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LECWE3A Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LECWE3A
Description  Lighting without Optics
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECWE3A Datasheet(HTML) 1 Page - OSRAM GmbH

  LECWE3A Datasheet HTML 1Page - OSRAM GmbH LECWE3A Datasheet HTML 2Page - OSRAM GmbH LECWE3A Datasheet HTML 3Page - OSRAM GmbH LECWE3A Datasheet HTML 4Page - OSRAM GmbH LECWE3A Datasheet HTML 5Page - OSRAM GmbH LECWE3A Datasheet HTML 6Page - OSRAM GmbH LECWE3A Datasheet HTML 7Page - OSRAM GmbH LECWE3A Datasheet HTML 8Page - OSRAM GmbH LECWE3A Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LE CW E3A
OSTAR
® - Lighting without Optics
Lead (Pb) Free Product - RoHS Compliant
2008-02-11
1
Besondere Merkmale
• Gehäusetyp: OSTAR
® - Lighting
• Besonderheit des Bauteils: extrem hohe
Helligkeit und Leuchtdichte dank
Oberflächenemission und niedrigem R
th
• typische Farbtemperatur: 2700 K, 3000 K,
3500 K, 4200 K
• Abstrahlwinkel: Lambertscher Strahler (120°)
• Abstrahlende Fläche: 2,1 mm x 3,2 mm
•
Technologie: ThInGaN
®
•
Leuchtdichte: 18*10
6 cd/m² (4200 K)
•
optischer Wirkungsgrad: 32 lm/W bei
350 mA (4200 K)
• Montierbarkeit: verschraubbar
Lötpads für Verdrahtung
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-C
• Verpackungseinheit: pro Box 60 Stück
Anwendungen
• Strahler für die Allgemeinbeleuchtung
• Mikroskopbeleuchtung
• Verkehrszeichen
• Hochwertige Blitzlichter
Features
• package: OSTAR
® - Lighting
• feature of the device: outstanding brightness
and luminance due to pure surface emission
and low R
th
• typ. color temperature: 2700 K, 3000 K, 3500
K, 4200 K
• viewing angle: Lambertian Emitter (120°)
• light emitting surface: 2.1 mm x 3.2 mm
•
technology: ThInGaN
®
• Luminance: 18*10
6 cd/m² (4200 K)
•
optical efficiency: 32 lm/W at 350 mA
(4200 K)
• mounting methods: screw holes
solder pads for wire attachment
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-C
method of packing: 60 pcs. per tray
Applications
• General lighting
• microscope illumination
• VMS (variable message signs)
• high end strobe light


Similar Part No. - LECWE3A

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LECWE3B OSRAM-LECWE3B Datasheet
853Kb / 19P
Lighting with Optics (silicone)
LECWE3B-NXPY-URVU OSRAM-LECWE3B-NXPY-URVU Datasheet
853Kb / 19P
Lighting with Optics (silicone)
LECWE3B-NYPZ-QRRU OSRAM-LECWE3B-NYPZ-QRRU Datasheet
853Kb / 19P
Lighting with Optics (silicone)
LECWE3B-NYPZ-SRTU OSRAM-LECWE3B-NYPZ-SRTU Datasheet
853Kb / 19P
Lighting with Optics (silicone)
LECWE3B-NZQX-MRNU OSRAM-LECWE3B-NZQX-MRNU Datasheet
853Kb / 19P
Lighting with Optics (silicone)
More results

Similar Description - LECWE3A

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT108L-UR3 MARKTECH-MT108L-UR3 Datasheet
103Kb / 2P
Fiber Optics
MT108W-UR3 MARKTECH-MT108W-UR3 Datasheet
106Kb / 2P
Fiber Optics
logo
ITT Industries
PHD ITT-PHD Datasheet
96Kb / 1P
Fiber Optics
logo
Dialight Corporation
12284CB DIALIGHT-12284CB Datasheet
274Kb / 2P
VEHICLE SPOT LIGHT (WITH AND WITHOUT OPTICS)
logo
OSRAM GmbH
SFH4750 OSRAM-SFH4750 Datasheet
161Kb / 8P
OSRAM OSTAR - Lighting IR 6-fold with Optics (850nm)
LECWE2A OSRAM-LECWE2A Datasheet
475Kb / 18P
Lighting without Optics
LECWE3B OSRAM-LECWE3B Datasheet
853Kb / 19P
Lighting with Optics (silicone)
LEUWE3B OSRAM-LEUWE3B Datasheet
662Kb / 17P
Lighting with Optics
SFH-4750 OSRAM-SFH-4750 Datasheet
289Kb / 7P
OSTAR짰 - Lighting IR 6-fold with Optics (850nm)
SFH-4751 OSRAM-SFH-4751 Datasheet
290Kb / 7P
OSTAR짰 - Lighting IR 6-fold with Optics (940nm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com