| Electronic Components Datasheet Search |
|
AN1302 Datasheet(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AN1302 Datasheet(HTML) 5 Page - Microchip Technology |
|
5 / 8 page ![]() 2009 Microchip Technology Inc. DS01302A-page 5 AN1302 PC SIDE SOFTWARE The bootloader presented here uses an I2C bus as a communication channel. The main use for such a boot- loader is in a multiprocessor system where the main processor can update the firmware of several proces- sors in the same system. We can, however, use PC software if we use a device that will act as a master I2C device controlled by PC software. We used the PICkit™ Serial analyzer configured as I2C master device. The software is written using Visual C# 2008, Express Edition. The PC software has the primary function of importing the hex file, splitting it into smaller packets and sending the data to the bootloaded device. Read- ing back program data from the device is also possible. When designing the firmware for the main processor in a multiprocessor system, the above software can serve as a starting point. FIGURE 3: PC HOST APPLICATION WINDOW To upload a new hex file to the device you must first open the hex file. This can be done using the Import Hex command found in the File menu (see Figure 3). You will notice that the content of the currently loaded file is displayed in the lower side of the window. Once the new firmware is loaded, it is ready to be sent to the target device. This is done by using the Program com- mand under the Bootloader menu. The programming operation will consist in a full erase followed by a firm- ware download. The erase-only operation is available in the same menu. The firmware can also be read from the target device using the Read command in the Boot- loader menu. The program memory data can be saved into a hex file using the Export Hex command in the File menu. After a successful firmware download operation, switching to the application code is done using the Run firmware command in the Bootloader menu. CONCLUSION Using a bootloader is a very efficient way to allow firmware upgrades in the field. Products can be easily upgraded to support new features. Fixing code bugs is also easier. The bootloader code occupies the lower part of the program memory between 0x0000 and 0x01FF (512 bytes). The bootloader features interrupt forwarding to allow applications to use interrupts. When using I2C communication, multiple bootloaded devices can be connected on the same bus, each device having it's own address. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |