Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AN1302 Datasheet(PDF) 2 Page - Microchip Technology

Part # AN1302
Description  An I2C??Bootloader for the PIC16F1XXX Enhanced Core
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN1302 Datasheet(HTML) 2 Page - Microchip Technology

  AN1302 Datasheet HTML 1Page - Microchip Technology AN1302 Datasheet HTML 2Page - Microchip Technology AN1302 Datasheet HTML 3Page - Microchip Technology AN1302 Datasheet HTML 4Page - Microchip Technology AN1302 Datasheet HTML 5Page - Microchip Technology AN1302 Datasheet HTML 6Page - Microchip Technology AN1302 Datasheet HTML 7Page - Microchip Technology AN1302 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AN1302
DS01302A-page 2
 2009 Microchip Technology Inc.
BASIC OPERATION
The basic functionality of a bootloader is to receive,
interpret and execute a set of commands known both
by the host software and the target firmware. The
command set can be more or less complex than shown
in the application note, but it must generally support
commands to read, erase and write the Flash memory.
Additionally, it must support a command to jump from
the bootloader code to the application code. This
command is typically issued at the end of a
program/verify cycle. The application code might
require a command to exit the application code and
enter the bootloader code.
ERASING PROGRAM MEMORY
The program memory can be erased under software
control only in rows of instructions. A row consists of 32
instruction words of program memory. Please note that
the address must be aligned to a 32-word boundary
(EEADRL <4:0> = 0 0 0 0).
Because the erase sequence can modify existing data,
the special unlock sequence is needed. The unlock
sequence consists in consecutive write values 0x55,
0xAA to the EECON2 register.
UPDATING PROGRAM MEMORY
Before writing to the program memory, an erase
operation should be performed. The program memory
is written in blocks. A block consists of 8 words of
program memory data with sequential address, aligned
to an 8-word boundary (EEADRL <2:0> = 0 0 0). If
smaller blocks of memory need to be modified, then a
read-modify-erase program approach should be used,
as the program memory can only be written in 8-word
blocks.
An erase operation sets the value of 0x3FFF to all
erased locations. This corresponds to an all-ones in
binary.
BOOTLOADER COMMANDS
The bootloader firmware used in this design supports a
set of commands used to read, erase and write to the
Flash memory of the target device. The commands are
shown in Table 1.
TABLE 1:
BOOTLOADER COMMANDS
Command
Name
Read/Write
Description
0x01
Set/Get
Address
Pointer
R/W
Sets/Reads the Address Pointer. Data is written/read in two bytes format,
MSB first.
0x02
Download
data to
internal buffer
-/W
8 words of data are downloaded from the host into an internal buffer.
Data is downloaded MSB first starting from the lower address. This
command is usually followed by a Write command (0x05).
0x03
Read Flash
command
R/-
Reads 8 words from the Flash memory starting with the address
specified by the Address Pointer. The Address Pointer is automatically
incremented by 8 words upon a read.
0x04
Erase Flash
command
R/-
Erases a row of 32 words starting with the address specified by the
Address Pointer. The Address Pointer must be aligned to a 32-word
boundary (0x0000, 0x0020, 0x0040, 0x0060……). The Address Pointer
is automatically advanced by 32 words. This command uses clock
stretching and returns a dummy 0x00 byte after command completion.
0x05
Write Flash
command
R/-
The data that is stored into the buffer is written into the Flash memory at
the address pointed to by the Address Pointer. The Address Pointer is
automatically incremented by 8 words upon a successful write. This
command uses clock stretching and returns a dummy 0x00 byte after
command completion.
0x06
Jump to
application
code
R/-
Usually used after a successful firmware download. The application
resets itself and jumps to the application segment. This command uses
clock stretching and returns a dummy 0x00 byte after command
completion.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com