Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX20AB75-I/SS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SX20AB75-I/SS
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX20AB75-I/SS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SX20AB75-I/SS Datasheet HTML 1Page - List of Unclassifed Manufacturers SX20AB75-I/SS Datasheet HTML 2Page - List of Unclassifed Manufacturers SX20AB75-I/SS Datasheet HTML 3Page - List of Unclassifed Manufacturers SX20AB75-I/SS Datasheet HTML 4Page - List of Unclassifed Manufacturers SX20AB75-I/SS Datasheet HTML 5Page - List of Unclassifed Manufacturers SX20AB75-I/SS Datasheet HTML 6Page - List of Unclassifed Manufacturers SX20AB75-I/SS Datasheet HTML 7Page - List of Unclassifed Manufacturers SX20AB75-I/SS Datasheet HTML 8Page - List of Unclassifed Manufacturers SX20AB75-I/SS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 3 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
1.2
Key Features
50 MIPS Performance
• SX18AC/SX20AC/SX28AC: DC - 50 MHz operation
SX18AC75/SX20AC75/SX28AC75: DC - 75 MHz
• SX18AC/SX20AC/SX28AC: 20 ns instruction cycle,
60 ns internal interrupt response
SX18AC75/SX20AC75/SX28AC75: 13.3 ns instruction
cycle, 39.9 ns internal interrupt response
• 1 instruction per clock (branches 3)
EE/FLASH Program Memory and SRAM Data Memory
• Access time of < 10 ns provides single cycle access
• EE/Flash rated for > 10,000 rewrite cycles
• 2048 Words EE/Flash program memory
• 136x8 bits SRAM data memory
CPU Features
• Compact instruction set
• All instructions are single cycle except branch
• Eight-level push/pop hardware stack for subroutine
linkage
• Fast table lookup capability through run-time readable
code (IREAD instruction)
• Totally predictable program execution flow for hard
real-time applications
Fast and Deterministic Interrupt
• Jitter-free 3-cycle internal interrupt response
• Hardware context save/restore of key resources such
as PC, W, STATUS, and FSR within the 3-cycle inter-
rupt response time
• External wakeup/interrupt capability on Port B (8 pins)
Flexible I/O
• All pins individually programmable as I/O
• Inputs are TTL or CMOS level selectable
• All pins have selectable internal pull-ups
• Selectable Schmitt Trigger inputs on Ports B, and C
• All outputs capable of sourcing/sinking 30 mA
• Port A outputs have symmetrical drive
• Analog comparator support on Port B (RB0 OUT, RB1
IN-, RB2 IN+)
• Selectable I/O operation synchronous to the oscillator
clock
Hardware Peripheral Features
• One 8-bit Real Time Clock/Counter (RTCC) with pro-
gramable 8-bit prescaler
• Watchdog Timer (shares the RTCC prescaler)
• Analog comparator
• Brown-out detector
• Multi-Input Wakeup logic on 8 pins
• Internal RC oscillator with configurable rate from 31.25
kHz to 4 MHz
• Power-On-Reset
Packages
• 18-pin SOP/DIP, 20-pin SSOP, 28-pin SOP/DIP/SSOP
Programming and Debugging Support
• On- chip in-system programming support with serial
and parallel interfaces
• In-system serial programming via oscillator pins
• On-chip in-System debugging support logic
• Real-time emulation, full program debug, and integrat-
ed development environment offered by third party tool
vendors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com