Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX20AB75-I/SS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SX20AB75-I/SS
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX20AB75-I/SS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SX20AB75-I/SS Datasheet HTML 1Page - List of Unclassifed Manufacturers SX20AB75-I/SS Datasheet HTML 2Page - List of Unclassifed Manufacturers SX20AB75-I/SS Datasheet HTML 3Page - List of Unclassifed Manufacturers SX20AB75-I/SS Datasheet HTML 4Page - List of Unclassifed Manufacturers SX20AB75-I/SS Datasheet HTML 5Page - List of Unclassifed Manufacturers SX20AB75-I/SS Datasheet HTML 6Page - List of Unclassifed Manufacturers SX20AB75-I/SS Datasheet HTML 7Page - List of Unclassifed Manufacturers SX20AB75-I/SS Datasheet HTML 8Page - List of Unclassifed Manufacturers SX20AB75-I/SS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 4 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
1.3
Architecture
The SX devices use a modified Harvard architecture.
This architecture uses two separate memories with sepa-
rate address buses, one for the program and one for
data, while allowing transfer of data from program mem-
ory to SRAM. This ability allows accessing data tables
from program memory. The advantage of this architec-
ture is that instruction fetch and memory transfers can be
overlapped with a multi-stage pipeline, which means the
next instruction can be fetched from program memory
while the current instruction is being executed using data
from the data memory.
Scenix has developed a revolutionary RISC-based archi-
tecture and memory design techniques that is 20 times
faster than conventional MCUs, deterministic, jitter free,
and totally reprogramable.
The SX family implements a four-stage pipeline (fetch,
decode, execute, and write back), which results in execu-
tion of one instruction per clock cycle. For example, at
the maximum operating frequency of 50 MHz, instruc-
tions are executed at the rate of one per 20-ns clock
cycle.
1.3.1 The Virtual Peripheral Concept
Virtual Peripheral concept enables the “software system
on a chip” approach. Virtual Peripheral, a software mod-
ule that replaces a traditional hardware peripheral, takes
advantage of the Scenix architecture’s high performance
and deterministic nature to produce same results as the
hardware peripheral with much greater flexibility.
The speed and flexibility of the Scenix architecture com-
plemented with the availability of the Virtual Peripheral
library, simultaneously address a wide range of engineer-
ing and product development concerns. They decrease
the product development cycle dramatically, shortening
time to production to as little as a few days.
Scenix’s time-saving Virtual Peripheral library gives the
system designers a choice of ready-made solutions, or a
head start on developing their own peripherals. So, with
Virtual Peripheral modules handling established func-
tions, design engineers can concentrate on adding value
to other areas of the application.
The concept of Virtual Peripheral combined with in-sys-
tem re-programmability provides a power development
platform ideal for the communications industry because
of the numerous and rapidly evolving standards and pro-
tocols.
Overall, the concept of Virtual Peripheral provides bene-
fits such as using a more simple device, reduced compo-
nent count, fast time to market, increased flexibility in
design, customization to your application, and ultimately
overall system cost reduction.
Some examples of Virtual Peripheral modules are:
• Communication interfaces such as I
2C™, Microwire™
(µ-Wire), SPI, IrDA Stack, UART, and Modem func-
tions
• Frequency generation and measurement
• PPM/PWM output
• Delta/Sigma ADC
• DTMF generation/detection
• PSK/FSK generation/detection
• FFT/DFT based algorithms
1.3.2 The Communications Controller
The combination of the Scenix hardware architecture and
the Virtual Peripheral concept create a powerful, creative
platform for the communications design communities: SX
communications controller. Its high processing power,
recofigurability, cost-effectiveness, and overall design
freedom give the designer the power to build products for
the future with the confidence of knowing that they can
keep up with innovation in standards and other areas.
1.4
Programming and Debugging Support
The SX devices are currently supported by third party
tool vendors. On-chip in-system debug capabilities have
been added, allowing tools to provide an integrated
development environment including editor, macro assem-
bler, debugger, and programmer. Un-obtrusive in-system
programming is provided through the OSC pins. There is
no need for a bon-out chip, so the user does not have to
worry about the potential variations in electrical charac-
teristics of a bond-out chip and the actual chip used in the
target applications. the user can test and revise the fully
debugged code in the actual SX, in the actual application,
and get to production much faster.
1.5
Applications
Emerging applications and advances in existing ones
require higher performance while maintaining low cost
and fast time-to-production.
The device provides solutions for many familiar applica-
tions such as process controllers, electronic appli-
ances/tools,
security/monitoring
systems,
consumer
automotive, sound generation, motor control, and per-
sonal communication devices. In addition, the device is
suitable for applications that require DSP-like capabili-
ties, such as closed-loop servo control (digital filters), dig-
ital answering machines, voice notation, interactive toys,
and magnetic-stripe readers.
Furthermore, the growing Virtual Peripheral library fea-
tures new components, such as the Internet Protocol
stack, and communication interfaces, that allow design
engineers to embed Internet connectivity into all of their
products at extremely low cost and very little effort.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com