Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX28AC75-I/TQ Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # SX28AC75-I/TQ
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX28AC75-I/TQ Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button SX28AC75-I/TQ Datasheet HTML 33Page - List of Unclassifed Manufacturers SX28AC75-I/TQ Datasheet HTML 34Page - List of Unclassifed Manufacturers SX28AC75-I/TQ Datasheet HTML 35Page - List of Unclassifed Manufacturers SX28AC75-I/TQ Datasheet HTML 36Page - List of Unclassifed Manufacturers SX28AC75-I/TQ Datasheet HTML 37Page - List of Unclassifed Manufacturers SX28AC75-I/TQ Datasheet HTML 38Page - List of Unclassifed Manufacturers SX28AC75-I/TQ Datasheet HTML 39Page - List of Unclassifed Manufacturers SX28AC75-I/TQ Datasheet HTML 40Page - List of Unclassifed Manufacturers SX28AC75-I/TQ Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 37 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
Program Control instruction
CALL addr8
Call Subroutine:
top-of-stack = program counter + 1
PC(7:0) = addr8
program counter (8) = 0
program counter (10:9) = PA1:PA0
23
1001 kkkk kkkk
none
JMP addr9
Jump to Address:
PC(7:0) = addr9(7:0)
program counter (8) = addr9(8)
program counter (10:9) = PA1:PA0
23
101k kkkk kkkk
none
NOP
No Operation
11
0000 0000 0000
none
RET
Return from Subroutine
(program counter = top-of-stack)
23
0000 0000 1100
none
RETP
Return from Subroutine Across Page Boundary
(PA1:PA0 = top-of-stack (10:9) and
program counter = top-of-stack)
23
0000 0000 1101
PA1, PA0
RETI
Return from Interrupt (restore W, STATUS,
FSR, and program counter from shadow regis-
ters)
23
0000 0000 1110 all STA-
TUS, ex-
cept TO,
PD
RETIW
Return from Interrupt and add W to RTCC (re-
store W, STATUS, FSR, and program counter
from shadow registers; and add W to RTCC)
23
0000 0000 1111 all STA-
TUS, ex-
cept TO,
PD
RETW lit
Return from Subroutine with Literal in W
(W = lit and program counter = top-of-stack)
23
1000 kkkk kkkk
none
System Control Instructions
BANK addr8
Load Bank Number into FSR(7:5)
FSR(7:5) = addr8(7:5)
11
0000 0001 1nnn
none
IREAD
Read Word from Instruction Memory
MODE:W = data at (MODE:W)
14
0000 0100 0001
none
PAGE addr12
Load Page Number into STATUS(7:5)
STATUS(7:5) = addr12(11:9)
11
0000 0001 0nnn
PA1, PA0
SLEEP
Power Down Mode
WDT = 00h, TO = 1, stop oscillator
(PD = 0, clears prescaler if assigned)
11
0000 0000 0011
TO, PD
Table 16-1. The SX Instruction Set (Continued)
Mnemonic,
Operands
Description
Cycles
(Compatible)
Cycles
(Turbo)
Opcode
Bits
Affected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com