Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX28AC75-I/TQ Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # SX28AC75-I/TQ
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SX28AC75-I/TQ Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button SX28AC75-I/TQ Datasheet HTML 8Page - List of Unclassifed Manufacturers SX28AC75-I/TQ Datasheet HTML 9Page - List of Unclassifed Manufacturers SX28AC75-I/TQ Datasheet HTML 10Page - List of Unclassifed Manufacturers SX28AC75-I/TQ Datasheet HTML 11Page - List of Unclassifed Manufacturers SX28AC75-I/TQ Datasheet HTML 12Page - List of Unclassifed Manufacturers SX28AC75-I/TQ Datasheet HTML 13Page - List of Unclassifed Manufacturers SX28AC75-I/TQ Datasheet HTML 14Page - List of Unclassifed Manufacturers SX28AC75-I/TQ Datasheet HTML 15Page - List of Unclassifed Manufacturers SX28AC75-I/TQ Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
© 2000 Scenix Semiconductor, Inc. All rights reserved.
- 12 -
www.scenix.com
SX18AC/SX20AC/SX28AC/SX18AC75/SX20AC75/SX28AC75
4.3
OPTION Register
When the OPTIONX bit in the FUSE word is cleared, bits
7 and 6 of the OPTION register function as described
below.
When the OPTIONX bit is set, bits 7 and 6 of the
OPTION register read as ‘1’s.
Upon reset, all bits in the OPTION register are set to 1.
RTW
RTE
_IE
RTS
RTE
_ES
PSA
PS2
PS1
PS0
Bit 7
Bit 0
RTW
RTCC/W register selection:
0 = Register 01h addresses W
1 = Register 01h addresses RTCC
RTE_IE
RTCC edge interrupt enable:
0 = RTCC roll-over interrupt is enabled
1 = RTCC roll-over interrupt is disabled
RTS
RTCC increment select:
0 = RTCC increments on internal instruction
cycle
1 = RTCC increments upon transition on
RTCC pin
RTE_ES
RTCC edge select:
0 = RTCC increments on low-to-high transi-
tions
1 = RTCC increments on high-to-low transi-
tions
PSA
Prescaler Assignment:
0 = Prescaler is assigned to RTCC, with di-
vide rate determined by PS0-PS2 bits
1 = Prescaler is assigned to WDT, and divide
rate on RTCC is 1:1
PS2-PS0
Prescaler divider (see Table 4-2)
Table 4-2. Prescaler Divider Ratios
PS2, PS1, PS0
RTCC
Divide Rate
Watchdog Timer
Divide Rate
000
1:2
1:1
001
1:4
1:2
010
1:8
1:4
011
1:16
1:8
100
1:32
1:16
101
1:64
1:32
110
1:128
1:64
111
1:256
1:128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com