Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM614 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM614
Description  Quad Operational Amplifier and Adjustable Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM614 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM614 Datasheet HTML 1Page - National Semiconductor (TI) LM614 Datasheet HTML 2Page - National Semiconductor (TI) LM614 Datasheet HTML 3Page - National Semiconductor (TI) LM614 Datasheet HTML 4Page - National Semiconductor (TI) LM614 Datasheet HTML 5Page - National Semiconductor (TI) LM614 Datasheet HTML 6Page - National Semiconductor (TI) LM614 Datasheet HTML 7Page - National Semiconductor (TI) LM614 Datasheet HTML 8Page - National Semiconductor (TI) LM614 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Electrical Characteristics (Continued)
These specifications apply for V
= GND = 0V, V+ = 5V, V
CM = VOUT = 2.5V, IR = 100 µA, FEEDBACK pin shorted to GND,
unless otherwise specified. Limits in standard typeface are for T
J = 25˚C; limits in boldface type apply over the Operating
Temperature Range .
Symbol
Parameter
Conditions
Typical
(Note 6)
LM614AM
LM614M
Units
LM614AI
LM614BI
Limits
LM614I
(Note 7)
LM614C
Limits
(Note 7)
OPERATIONAL AMPLIFIER
PSRR
Power Supply
4V
≤ V+ ≤ 30V, V
CM = V
+/2,
110
80
75
dB min
Rejection Ratio
PSRR = 20 log (
∆V+/∆V
OS)
100
75
70
dB min
A
V
Open Loop
R
L = 10 kΩ to GND, V
+ = 30V,
500
100
94
V/mV
Voltage Gain
5V
≤ V
OUT ≤ 25V
50
40
40
min
SR
Slew Rate
V
+ = 30V (Note 8)
±0.70
±0.55
±0.50
V/µs
±0.65
±0.45
±0.45
GBW
Gain Bandwidth
C
L = 50 pF
0.8
MHz
0.52
MHz
V
O1
Output Voltage
R
L = 10 kΩ to GND
V
+ − 1.4
V
+ − 1.7
V
+ − 1.8
V min
Swing High
V
+ = 36V (32V for LM614C)
V
+ − 1.6
V
+ − 1.9
V
+ − 1.9
V min
V
O2
Output Voltage
R
L = 10 kΩ to V
+
V
+ 0.8
V
+ 0.9
V
+ 0.95
V max
Swing Low
V
+ = 36V (32V for LM614C)
V
+ 0.9
V
+ 1.0
V
+ 1.0
V max
I
OUT
Output Source
V
OUT = 2.5V, V+IN = 0V,
25
20
16
mA min
V
−IN = −0.3V
15
13
13
mA min
I
SINK
Output Sink
V
OUT = 1.6V, V+IN = 0V,
17
14
13
mA min
Current
V
−IN = 0.3V
98
8
mA min
I
SHORT
Short Circuit Current
V
OUT = 0V, V+IN = 3V,
30
50
50
mA max
V
−IN = 2V, Source
40
60
60
mA max
V
OUT = 5V, V+IN = 2V,
30
60
70
mA max
V
−IN = 3V, Sink
32
80
90
mA max
VOLTAGE REFERENCE
V
R
Voltage Reference
(Note 9)
1.244
1.2365
1.2191
V min
1.2515
1.2689
V max
(±0.6%)(±2.0%)
Average Temperature
(Note 10)
10
80
150
PPM/˚C
Drift
max
Hysteresis
(Note 11)
3.2
µV/˚C
V
R Change
V
R(100 µA) −VR(17 µA)
0.05
1
1
mV max
with Current
0.1
1.1
1.1
mV max
V
R(10 mA) −VR(100 µA)
1.5
5
5
mV max
(Note 12)
2.0
5.5
5.5
mV max
R
Resistance
∆V
R(10→0.1 mA)/9.9 mA
0.2
0.56
0.56
Ω max
∆V
R(100→17 µA)/83 µA
0.6
13
13
Ω max
V
R Change
V
R(Vro = Vr) −VR(Vro = 6.3V)
2.5
7
7
mV max
with High V
RO
(5.06V between Anode and
2.8
10
10
mV max
FEEDBACK)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com