Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM614 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM614
Description  Quad Operational Amplifier and Adjustable Reference
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM614 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM614 Datasheet HTML 1Page - National Semiconductor (TI) LM614 Datasheet HTML 2Page - National Semiconductor (TI) LM614 Datasheet HTML 3Page - National Semiconductor (TI) LM614 Datasheet HTML 4Page - National Semiconductor (TI) LM614 Datasheet HTML 5Page - National Semiconductor (TI) LM614 Datasheet HTML 6Page - National Semiconductor (TI) LM614 Datasheet HTML 7Page - National Semiconductor (TI) LM614 Datasheet HTML 8Page - National Semiconductor (TI) LM614 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Voltage on Any Pins except V
R
(referred to V
pin)
(Note 2)
36V (Max)
(Note 3)
−0.3V (Min)
Current through Any Input Pin &
V
R Pin
±20 mA
Differential Input Voltage
Military and Industrial
±36V
Commercial
±32V
Storage Temperature Range
−65˚C
≤ T
J ≤ +150˚C
Maximum Junction Temperature
150˚C
Thermal Resistance, Junction-to-Ambient (Note 4)
N Package
100˚C
WM Package
150˚C
Soldering Information (Soldering, 10 seconds)
N Package
260˚C
WM Package
220˚C
ESD Tolerance (Note 5)
±1kV
Operating Temperature Range
LM614AI, LM614I, LM614BI
−40˚C
≤ T
J ≤ +85˚C
LM614AM, LM614M
−55˚C
≤ T
J ≤ +125˚C
LM614C
0˚C
≤ T
J ≤ +70˚C
Electrical Characteristics
These specifications apply for V
= GND = 0V, V+ = 5V, V
CM = VOUT = 2.5V, IR = 100 µA, FEEDBACK pin shorted to GND,
unless otherwise specified. Limits in standard typeface are for T
J = 25˚C; limits in boldface type apply over the Operating
Temperature Range .
Symbol
Parameter
Conditions
Typical
(Note 6)
LM614AM
LM614M
Units
LM614AI
LM614BI
Limits
LM614I
(Note 7)
LM614C
Limits
(Note 7)
I
S
Total Supply
R
LOAD = ,
450
940
1000
µA max
Current
4V
≤ V+ ≤ 36V (32V for LM614C)
550
1000
1070
µA max
V
S
Supply Voltage Range
2.2
2.8
2.8
V min
2.9
3
3
V min
46
36
32
V max
43
36
32
V max
OPERATIONAL AMPLIFIER
V
OS1
V
OS Over Supply
4V
≤ V+ ≤ 36V
1.5
3.5
5.0
mV max
(4V
≤ V+ ≤ 32V for LM614C)
2.0
6.0
7.0
mV max
V
OS2
V
OS Over VCM
V
CM = 0V through VCM =
1.0
3.5
5.0
mV max
(V
+ − 1.8V), V+ = 30V
1.5
6.0
7.0
mV max
Average V
OS Drift
(Note 7)
15
µV/˚C
max
I
B
Input Bias Current
10
25
35
nA max
11
30
40
nA max
I
OS
Input Offset Current
0.2
4
4
nA max
0.3
5
5
nA max
Average Offset
Drift Current
4
pA/˚C
R
IN
Input Resistance
Differential
1800
M
Common-Mode
3800
M
C
IN
Input Capacitance
Common-Mode Input
5.7
pF
e
n
Voltage Noise
f = 100 Hz, Input Referred
74
I
n
Current Noise
f = 100 Hz, Input Referred
58
CMRR
Common-Mode
V
+ = 30V, 0V
≤ V
CM ≤ (V
+ − 1.8V),
95
80
75
dB min
Rejection Ratio
CMRR = 20 log (
∆V
CM/∆VOS)
90
75
70
dB min
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com