Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8250ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8250ARMZ
Description  10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8250ARMZ Datasheet(HTML) 1 Page - Analog Devices

  AD8250ARMZ Datasheet HTML 1Page - Analog Devices AD8250ARMZ Datasheet HTML 2Page - Analog Devices AD8250ARMZ Datasheet HTML 3Page - Analog Devices AD8250ARMZ Datasheet HTML 4Page - Analog Devices AD8250ARMZ Datasheet HTML 5Page - Analog Devices AD8250ARMZ Datasheet HTML 6Page - Analog Devices AD8250ARMZ Datasheet HTML 7Page - Analog Devices AD8250ARMZ Datasheet HTML 8Page - Analog Devices AD8250ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
10 MHz, 20 V/μs, G = 1, 2, 5, 10 iCMOS
Programmable Gain Instrumentation Amplifier
Data Sheet
AD8250
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Small package: 10-lead MSOP
Programmable gains: 1, 2, 5, 10
Digital or pin-programmable gain setting
Wide supply: ±5 V to ±15 V
Excellent dc performance
High CMRR 98 dB (minimum), G = 10
Low gain drift: 10 ppm/°C (maximum)
Low offset drift: 1.7 μV/°C (maximum), G = 10
Excellent ac performance
Fast settling time: 615 ns to 0.001% (maximum)
High slew rate: 20 V/µs (minimum)
Low distortion: −110 dB THD at 1 kHz
High CMRR over frequency: 80 dB to 50 kHz (minimum)
Low noise: 18 nV/√Hz, G = 10 (maximum)
Low power: 4.1 mA
APPLICATIONS
Data acquisition
Biomedical analysis
Test and measurement
GENERAL DESCRIPTION
The AD8250 is an instrumentation amplifier with digitally
programmable gains that has GΩ input impedance, low output
noise, and low distortion making it suitable for interfacing with
sensors and driving high sample rate analog-to-digital converters
(ADCs). It has a high bandwidth of 10 MHz, low THD of −110
dB and fast settling time of 615 ns (maximum) to 0.001%. Offset
drift and gain drift are guaranteed to 1.7 μV/°C and 10 ppm/°C,
respectively, for G = 10. In addition to its wide input common
voltage range, it boasts a high common-mode rejection of 80 dB
at G = 1 from dc to 50 kHz. The combination of precision dc
performance coupled with high speed capabilities makes the
AD8250 an excellent candidate for data acquisition. Furthermore,
this monolithic solution simplifies design and manufacturing
and boosts performance of instrumentation by maintaining a
tight match of internal resistors and amplifiers.
The AD8250 user interface consists of a parallel port that allows
users to set the gain in one of two ways (see Figure 1). A 2-bit word
sent via a bus can be latched using the WR input. An alternative is
to use the transparent gain mode where the state of the logic levels
at the gain port determines the gain.
FUNCTIONAL BLOCK DIAGRAM
A1
A0
DGND WR
AD8250
+VS
–VS
REF
OUT
+IN
LOGIC
–IN 1
10
8
3
7
4
5
6
2
9
Figure 1.
25
–10
–5
0
5
10
15
20
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
G = 10
G = 5
G = 2
G = 1
Figure 2. Gain vs. Frequency
Table 1. Instrumentation Amplifiers by Category
General
Purpose
Zero Drift
Mil
Grade
Low
Power
High Speed
PGA
AD82201
AD82311
AD620
AD6271
AD8250
AD8221
AD85531
AD621
AD6231
AD8251
AD8222
AD85551
AD524
AD82231
AD8253
AD82241
AD85561
AD526
AD8228
AD85571
AD624
1 Rail-to-rail output.
The AD8250 is available in a 10-lead MSOP package and is
specified over the −40°C to +85°C temperature range, making
it an excellent solution for applications where size and packing
density are important considerations.


Similar Part No. - AD8250ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8250ARMZ AD-AD8250ARMZ Datasheet
835Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. C
AD8250ARMZ-R7 AD-AD8250ARMZ-R7 Datasheet
835Kb / 24P
10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
REV. C
AD8250ARMZ-R7 AD-AD8250ARMZ-R7 Datasheet
835Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. C
AD8250ARMZ-RL AD-AD8250ARMZ-RL Datasheet
835Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. C
More results

Similar Description - AD8250ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
Programmable Gain Instrumentation Amplifier
REV.D
AD8251 AD-AD8251 Datasheet
128Kb / 8P
12MHz 20V/us G=1,2,4,8 Programmable Gain iCMOS Instrumentation Amplifier
AD8250 AD-AD8250 Datasheet
125Kb / 8P
12MHz 20V/us G=1,2,5,10 Programmable Gain iCMOS Instrumentation Amplifier
Rev.PrB
AD8251 AD-AD8251_07 Datasheet
640Kb / 24P
10 MHz, 20 V/關s, G = 1, 2, 4, 8 i CMOS짰 Programmable Gain Instrumentation Amplifier
REV. 0
AD8253 AD-AD8253 Datasheet
217Kb / 10P
10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
4/07-Revision 0
AD8253 AD-AD8253_08 Datasheet
584Kb / 24P
10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
REV. 0
AD8250ARMZ-R7 AD-AD8250ARMZ-R7 Datasheet
835Kb / 24P
10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
REV. C
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
Programmable Gain Instrumentation Amplifier
REV. C
AD8251 AD-AD8251_16 Datasheet
725Kb / 25P
10 MHz, 20 V/關s, G = 1, 2, 4, 8 iCMOS Programmable Gain Instrumentation Amplifier
REV. B
AD8253 AD-AD8253_16 Datasheet
527Kb / 25P
10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com