Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8250ARMZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8250ARMZ
Description  10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8250ARMZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8250ARMZ Datasheet HTML 5Page - Analog Devices AD8250ARMZ Datasheet HTML 6Page - Analog Devices AD8250ARMZ Datasheet HTML 7Page - Analog Devices AD8250ARMZ Datasheet HTML 8Page - Analog Devices AD8250ARMZ Datasheet HTML 9Page - Analog Devices AD8250ARMZ Datasheet HTML 10Page - Analog Devices AD8250ARMZ Datasheet HTML 11Page - Analog Devices AD8250ARMZ Datasheet HTML 12Page - Analog Devices AD8250ARMZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AD8250
Data Sheet
Rev. C | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, +VS = +15 V, −VS = −15 V, RL = 10 kΩ, unless otherwise noted.
1400
1200
800
1000
600
400
200
0
CMRR (µV/V)
–120
–90
–60
–30
0
30
60
90
120
Figure 6. Typical Distribution of CMRR, G = 1
300
350
250
200
150
100
50
0
–200
200
100
0
–100
–50
50
–150
150
OFFSET VOLTAGE RTI (µV)
Figure 7. Typical Distribution of Offset Voltage, VOSI
600
500
400
300
200
100
0
–30
30
10
20
0
–10
–20
INPUT BIAS CURRENT (nA)
Figure 8. Typical Distribution of Input Bias Current
500
400
300
200
100
0
–30
30
20
10
0
–20
–10
INPUT OFFSET CURRENT (nA)
Figure 9. Typical Distribution of Input Offset Current
90
0
10
20
30
40
50
60
70
80
1
10
100
1k
10k
100k
FREQUENCY (Hz)
G = 1
G = 2
G = 5
G = 10
Figure 10. Voltage Spectral Density Noise vs. Frequency
1s/DIV
2µV/DIV
Figure 11. 0.1 Hz to 10 Hz RTI Voltage Noise, G = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com