Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1613 Datasheet(PDF) 22 Page - Microchip Technology

Part # PIC16F1613
Description  HIGH-VOLTAGE ICSP PROGRAMMING
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1613 Datasheet(HTML) 22 Page - Microchip Technology

Back Button PIC16F1613 Datasheet HTML 18Page - Microchip Technology PIC16F1613 Datasheet HTML 19Page - Microchip Technology PIC16F1613 Datasheet HTML 20Page - Microchip Technology PIC16F1613 Datasheet HTML 21Page - Microchip Technology PIC16F1613 Datasheet HTML 22Page - Microchip Technology PIC16F1613 Datasheet HTML 23Page - Microchip Technology PIC16F1613 Datasheet HTML 24Page - Microchip Technology PIC16F1613 Datasheet HTML 25Page - Microchip Technology PIC16F1613 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
PIC12(L)F1612/16(L)F161X
DS40001720C-page 22
Preliminary
 2013-2014 Microchip Technology Inc.
4.3.10
ROW ERASE PROGRAM MEMORY
The Row Erase Program Memory command will erase an individual row. Refer to Table 4-2 for row sizes of specific
devices and the PC bits used to address them. If the program memory is code-protected, the Row Erase Program
Memory command will be ignored. When the address is 8000h-8009h, the Row Erase Program Memory command will
only erase the user ID locations, regardless of the setting of the CP Configuration bit.
After receiving the Row Erase Program Memory command, the erase will not complete until the time interval, TERAR,
has expired.
FIGURE 4-10:
ROW ERASE PROGRAM MEMORY
TABLE 4-2:
PROGRAMMING ROW SIZE AND LATCHES
Devices
PC
Row Size
Number of Latches
PIC12(L)F1612
<15:5>
16
16
PIC16(L)F1613
<15:5>
16
16
PIC16(L)F1614
<15:5>
32
32
PIC16(L)F1615
<15:5>
32
32
PIC16(L)F1618
<15:5>
32
32
PIC16(L)F1619
<15:5>
32
32
12
3
4
5
6
12
ICSPCLK
ICSPDAT
3
TERAR
X
0
1
0
0
X
X
X
1
Next Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com