Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1613 Datasheet(PDF) 29 Page - Microchip Technology

Part # PIC16F1613
Description  HIGH-VOLTAGE ICSP PROGRAMMING
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1613 Datasheet(HTML) 29 Page - Microchip Technology

Back Button PIC16F1613 Datasheet HTML 25Page - Microchip Technology PIC16F1613 Datasheet HTML 26Page - Microchip Technology PIC16F1613 Datasheet HTML 27Page - Microchip Technology PIC16F1613 Datasheet HTML 28Page - Microchip Technology PIC16F1613 Datasheet HTML 29Page - Microchip Technology PIC16F1613 Datasheet HTML 30Page - Microchip Technology PIC16F1613 Datasheet HTML 31Page - Microchip Technology PIC16F1613 Datasheet HTML 32Page - Microchip Technology PIC16F1613 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
 2013-2014 Microchip Technology Inc.
Preliminary
DS40001720C-page 29
PIC12(L)F1612/16(L)F161X
6.0
CODE PROTECTION
Code protection is controlled using the CP bit in Configuration Word 1. When code protection is enabled, all program
memory locations (0000h-07FFh) read as ‘0’. Further programming is disabled for the program memory (0000h-07FFh).
The user ID locations and Configuration Words can be programmed and read out regardless of the code protection
settings.
6.1
Program Memory
Code protection is enabled by programming the CP bit in Configuration Word 1 register to ‘0’.
The only way to disable code protection is to use the Bulk Erase Program Memory command.
7.0
HEX FILE USAGE
In the hex file there are two bytes per program word stored in the Intel® INHX32 hex format. Data is stored LSB first,
MSB second. Because there are two bytes per word, the addresses in the hex file are 2x the address in program
memory. (Example: Configuration Word 1 is stored at 8007h. In the hex file this will be referenced as 1000Eh-1000Fh).
7.1
Configuration Word
To allow portability of code, it is strongly recommended that the programmer is able to read the Configuration Words
and user ID locations from the hex file. If the Configuration Words information was not present in the hex file, a simple
warning message may be issued. Similarly, while saving a hex file, Configuration Words and user ID information should
be included.
7.2
Device ID
If a device ID is present in the hex file at 1000Ch-1000Dh (8006h on the part), the programmer should verify the device
ID against the value read from the part. On a mismatch condition the programmer should generate a warning message.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com