Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16490BMLZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADIS16490BMLZ
Description  Factory calibrated sensitivity
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16490BMLZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADIS16490BMLZ Datasheet HTML 17Page - Analog Devices ADIS16490BMLZ Datasheet HTML 18Page - Analog Devices ADIS16490BMLZ Datasheet HTML 19Page - Analog Devices ADIS16490BMLZ Datasheet HTML 20Page - Analog Devices ADIS16490BMLZ Datasheet HTML 21Page - Analog Devices ADIS16490BMLZ Datasheet HTML 22Page - Analog Devices ADIS16490BMLZ Datasheet HTML 23Page - Analog Devices ADIS16490BMLZ Datasheet HTML 24Page - Analog Devices ADIS16490BMLZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
ADIS16490
Data Sheet
Rev. 0 | Page 20 of 37
Self Test Error Flags (DIAG_STS)
Table 17. DIAG_STS Register Definition
Page
Addresses
Default
Access
Flash Backup
0x00
0x0A, 0x0B
0x0000
R
No
Table 18. DIAG_STS Bit Definitions
Bits
Description (Default = 0x0000)
[15:6]
Not used
5
Self test failure, z-axis accelerometer (1 = failure)
4
Self test failure, y-axis accelerometer (1 = failure)
3
Self test failure, x-axis accelerometer (1 = failure)
2
Self test failure, z-axis gyroscope (1 = failure)
1
Self test failure, y-axis gyroscope (1 = failure)
0
Self test failure, x-axis gyroscope (1 = failure)
SYS_E_FLAG[5] (see Table 16) contains the pass/fail result (0 =
pass) for the on demand self test (ODST) operations, whereas
the DIAG_STS register (see Table 17 and Table 18) contains
pass/fail flags (0 = pass) for each inertial sensor. Reading the
DIAG_STS register causes all of its bits to restore to 0. The bits
in DIAG_STS return to 1 if the error conditions persists.
Internal Temperature (TEMP_OUT)
Table 19. TEMP_OUT Register Definition
Page
Addresses
Default
Access
Flash Backup
0x00
0x0E, 0x0F
Not applicable
R
No
Table 20. TEMP_OUT Bit Definitions
Bits
Description
[15:0]
Temperature data; twos complement, 1°C per 70 LSB,
25°C = 0x0000
The TEMP_OUT register (see Table 19 and Table 20) provides a
coarse measurement of the temperature inside of the
ADIS16490. This data is most useful for monitoring relative
changes in the thermal environment.
Table 21. TEMP_OUT Data Format Examples
Temperature (°C)
Decimal
Hex
Binary
+85
+4200
0x1068
0001 0000 0110 1000
+25 + 2/70
+2
0x0002
0000 0000 0000 0010
+25 + 1/70
+1
0x0001
0000 0000 0000 0001
+25
0
0x0000
0000 0000 0000 0000
+25 – 1/70
−1
0xFFFF
1111 1111 1111 1111
+25 – 2/70
−2
0xFFFE
1111 1111 1111 1110
−40
−4550
0xEE3A
1110 1110 0011 1010
GYROSCOPE DATA
The gyroscopes in the ADIS16490 measure the angular rate of
rotation around three orthogonal axes (x, y, and z). Figure 35
illustrates the orientation of each gyroscope axis, along with the
direction of rotation that produces a positive response in each
of their measurements.
PIN 1
PIN 23
ωY
Y-AXIS
ωX
X-AXIS
Z-AXIS
ωZ
Figure 35. Gyroscope Axis and Polarity Assignments
Each gyroscope has two output data registers. Figure 36 illustrates
how these two registers combine to support a 32-bit, twos
complement data format for the x-axis gyroscope measurements.
This format also applies to the y- and z-axes as well.
X-AXIS GYROSCOPE DATA
015
15
0
X_GYRO_OUT
X_GYRO_LOW
Figure 36. Gyroscope Output Data Structure
X-Axis Gyroscope (X_GYRO_LOW, X_GRYO_OUT)
Table 22. X_GYRO_LOW Register Definition
Page
Addresses
Default
Access
Flash Backup
0x00
0x10, 0x11
Not applicable
R
No
Table 23. X_GYRO_LOW Bit Definitions
Bits
Description
[15:0]
X-axis gyroscope data; low word
Table 24. X_GYRO_OUT Register Definition
Page
Addresses
Default
Access
Flash Backup
0x00
0x12, 0x13
Not applicable
R
No
Table 25. X_GYRO_OUT Bit Definitions
Bits
Description
[15:0]
X-axis gyroscope data; high word; twos complement,
±100°/sec range; 0°/sec = 0x0000, 1 LSB = 0.005°/sec
The X_GYRO_LOW (see Table 22 and Table 23) and X_GRYO_
OUT (see Table 24 and Table 25) registers contain the gyroscope
data for the x-axis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com