Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16490BMLZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADIS16490BMLZ
Description  Factory calibrated sensitivity
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16490BMLZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADIS16490BMLZ Datasheet HTML 18Page - Analog Devices ADIS16490BMLZ Datasheet HTML 19Page - Analog Devices ADIS16490BMLZ Datasheet HTML 20Page - Analog Devices ADIS16490BMLZ Datasheet HTML 21Page - Analog Devices ADIS16490BMLZ Datasheet HTML 22Page - Analog Devices ADIS16490BMLZ Datasheet HTML 23Page - Analog Devices ADIS16490BMLZ Datasheet HTML 24Page - Analog Devices ADIS16490BMLZ Datasheet HTML 25Page - Analog Devices ADIS16490BMLZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Data Sheet
ADIS16490
Rev. 0 | Page 21 of 37
Y-Axis Gyroscope (Y_GYRO_LOW, Y_GYRO_OUT)
Table 26. Y_GYRO_LOW Register Definition
Page
Addresses
Default
Access
Flash Backup
0x00
0x14, 0x15
Not applicable
R
No
Table 27. Y_GYRO_LOW Bit Definitions
Bits
Description
[15:0]
Y-axis gyroscope data; low word
Table 28. Y_GYRO_OUT Register Definition
Page
Addresses
Default
Access
Flash Backup
0x00
0x16, 0x17
Not applicable
R
No
Table 29. Y_GYRO_OUT Bit Definitions
Bits
Description
[15:0]
Y-axis gyroscope data; high word; twos complement,
±100°/sec range; 0°/sec = 0x0000, 1 LSB = 0.005°/sec
The Y_GYRO_LOW (see Table 26 and Table 27) and Y_GRYO_
OUT (see Table 28 and Table 29) registers contain the gyroscope
data for the y-axis.
Z-Axis Gyroscope (Z_GYRO_LOW, Z_GYRO_OUT)
Table 30. Z_GYRO_LOW Register Definition
Page
Addresses
Default
Access
Flash Backup
0x00
0x18, 0x19
Not applicable
R
No
Table 31. Z_GYRO_LOW Bit Definitions
Bits
Description
[15:0]
Z-axis gyroscope data; additional resolution bits
Table 32. Z_GYRO_OUT Register Definition
Page
Addresses
Default
Access
Flash Backup
0x00
0x1A, 0x1B
Not applicable
R
No
Table 33. Z_GYRO_OUT Bit Definitions
Bits
Description
[15:0]
Z-axis gyroscope data; high word; twos complement,
±100°/sec range; 0°/sec = 0x0000, 1 LSB = 0.005°/sec
The Z_GYRO_LOW (see Table 30 and Table 31) and Z_GRYO_
OUT (see Table 32 and Table 33) registers contain the gyroscope
data for the z-axis.
Gyroscope Resolution
Table 34 and Table 35 offer various numerical examples that
demonstrate the format of the angular rate (gyroscopes) data in
both 16-bit and 32-bit formats.
Table 34. 16-Bit Gyroscope Data Format Examples
Rotation Rate
(°/sec)
Decimal
Hex
Binary
+100
+20,000
0x4E20
0100 1110 0010 0000
+0.01
+2
0x0002
0000 0000 0000 0010
+0.005
+1
0x0001
0000 0000 0000 0001
0
0
0x0000
0000 0000 0000 0000
−0.005
−1
0xFFFF
1111 1111 1111 1111
−0.01
−2
0xFFFE
1111 1111 1111 1110
−100
−20,000
0xB1E0
1011 0001 1110 0000
Table 35. 32-Bit Gyroscope Data Format Examples
Rotation Rate (°/sec)
Decimal
Hex
+100
+1,310,720,000
0x4E200000
+0.005/215
+2
0x00000002
+0.005/216
+1
0x00000001
0
0
0x0000000
−0.005/216
−1
0xFFFFFFFF
−0.005/215
−2
0xFFFFFFFE
−100
−1,310,720,000
0xB1E00000
ACCELERATION DATA
The accelerometers in the ADIS16490 measure both dynamic
and static (response to gravity) acceleration along three orthogonal
axes (x, y, and z). Figure 37 illustrates the orientation of each
accelerometer axis, along with the direction of acceleration that
produces a positive response in each of their measurements.
PIN 1
PIN 23
aY
Y-AXIS
X-AXIS
aX
Z-AXIS
aZ
Figure 37. Accelerometer Axis and Polarity Assignments
Each accelerometer has two output data registers. Figure 38
illustrates how these two registers combine to support a 32-bit,
twos complement data format for the x-axis accelerometer
measurements. This format also applies to the y- and z-axes.
X-AXIS ACCELEROMETER DATA
015
15
0
X_ACCL_OUT
X_ACCL_LOW
Figure 38. Accelerometer Output Data Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com