Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC702LP6CE Datasheet(PDF) 17 Page - Analog Devices

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC702LP6CE Datasheet(HTML) 17 Page - Analog Devices

Back Button HMC702LP6CE Datasheet HTML 13Page - Analog Devices HMC702LP6CE Datasheet HTML 14Page - Analog Devices HMC702LP6CE Datasheet HTML 15Page - Analog Devices HMC702LP6CE Datasheet HTML 16Page - Analog Devices HMC702LP6CE Datasheet HTML 17Page - Analog Devices HMC702LP6CE Datasheet HTML 18Page - Analog Devices HMC702LP6CE Datasheet HTML 19Page - Analog Devices HMC702LP6CE Datasheet HTML 20Page - Analog Devices HMC702LP6CE Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
17
HMC702LP6CE
v10.0812
14 GHz 16-BIT FRACTIONAL-N PLL
PFD Lock Detect
lkd_en (Reg01h<11> table 7) enables the lock detect functions of the HMc702LP6cE.
the Lock Detect circuit in the HMc702LP6cE places a one shot window around the reference. the one shot window
may be generated by either an analog one shot circuit or a digital one shot based upon an internal ring oscillator timer.
clearing lkd_ringosc_mono_select (Reg1Ah<14> table 31) will result in a nominal 10nsec ‘analog’ window of fixed
length, as shown in Figure 12. Setting lkd_ringosc_mono_select will result in a variable length ’digital’ widow. the digital
one shot window is controlled by lkd_ringosc_cfg (Reg1Ah<16:15> table 31). the resulting lock detect window period
is then generated by the number of ring oscillator periods defined in lkd_monost_duration Reg1Ah<18:17> (table 31).
the lock detect ring oscillator may be observed on the GPo2 port by setting ringosc_testmode (Reg1Ah<19> table
31) and configuring the gpo_sel<3:0> = 0111 in (Reg1Bh table 32). Lock detect does not function when this test mode
is enabled.
lkd_wincnt_max (Reg1Ah<9:0> table 31) defines the number of consecutive counts of the Vco that must land inside
the lock detect window to declare lock. if for example we set lkd_wincnt_max = 1000 , then the Vco arrival would
have to occur inside the selected lock widow 1000 times in a row to be declared locked. When locked the Lock Detect
flag ro_lock_detect (Reg1Fh<0> table 36) will be set. a single occurrence outside of the window will result in clearing
the Lock Detect flag, ro_lock_detect.
the Lock Detect flag ro_lock_detect (Reg1Fh<0> table 36) is a read only register, readable from the serial port. the
Lock Detect flag is also output to the LD_SDO pin according to lkd_to_sdo_always (Reg1Ah<13>) and lkd_to_sdo_
automux_en (Reg1Ah<12>), both in table 31. Setting lkd_to_sdo_always will always display the Lock Detect flag
on LD_DSO. clearing lkd_to_sdo_always and setting lkd_to_sdo_automux_en will display the Lock Detect flag on
LD_SDO except when a serial port read is requested, in which case the pin reverts temporarily to the Serial Data out
pin, and returns to the lock detect function after the read is completed.
Figure 12. Normal Lock Detect Window
Lock Detect with Phase Offset
When operating in fractional mode the linearity of the charge pump and phase detector are more critical than in
integer mode. the phase detector linearity is worse when operated with zero phase offset. Hence in fractional mode
it is necessary to offset the phase of the reference and the Vco at the phase detector. in such a case, for example
with an offset delay, as shown in Figure 13, the mean phase of the Vco will always occur after the reference. the
lock detect circuit window can be made more selective with a fixed offset delay by setting win_asym_enable and
win_asym_up_select (Reg1Ah<11> table 31). Similarly the offset can be in advance of the reference by clearing
win_asym_up_select while leaving win_asym_enable Reg1Ah<10> set both in table 31.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com