Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC702LP6CE Datasheet(PDF) 28 Page - Analog Devices

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N PLL
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC702LP6CE Datasheet(HTML) 28 Page - Analog Devices

Back Button HMC702LP6CE Datasheet HTML 24Page - Analog Devices HMC702LP6CE Datasheet HTML 25Page - Analog Devices HMC702LP6CE Datasheet HTML 26Page - Analog Devices HMC702LP6CE Datasheet HTML 27Page - Analog Devices HMC702LP6CE Datasheet HTML 28Page - Analog Devices HMC702LP6CE Datasheet HTML 29Page - Analog Devices HMC702LP6CE Datasheet HTML 30Page - Analog Devices HMC702LP6CE Datasheet HTML 31Page - Analog Devices HMC702LP6CE Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
28
HMC702LP6CE
v10.0812
14 GHz 16-BIT FRACTIONAL-N PLL
Table 7. Reg 01h Enable & Reset Register
Bit
Type
Name
Default
Description
0
r/W
malg_vcobuf_en
1
1
Vco Buffer Enable
1
r/W
mag_bias_en
1
1
Bias enable. When 0 PLL is disabled.
2
r/W
rfp_div_en
1
0
Enables / Holds refdiv in reset
Holding ref divider in reset is equivalent to
bypassing the divider, see Figure 4
3
r/W
xrefmux_todig_en
1
1
Enables clock gate for xtal muxed (sq or sin)
reference to digital.
Program 1
4
r/W
rfp_div_todig_en
1
1
Enables divided reference clock to the digital
see Figure 4
5
r/W
rfp_sqr_todig_en
1
0
Enables square wave xtal clock to main digital
see Figure 4 Program 0
6
r/W
rfp_sin_todig_en
1
0
Enables sine wave xtal clock to main digital
see Figure 4
7
r/W
rfp_buf_sq_en
1
1
Enables Square wave ref Buffer. also requires
reg3h[16]=0 for Square wave ref Buffer. See
Figure 4
8
r/W
rfp_buf_sin_en
1
0
Enables Sine wave ref Buffer also requires
reg3h[16]=1 for Sine wave ref Buffer. See
Figure 4
9
r/W
vcop_todig_en
1
1
1= Divided Vco as digital, Δ∑ modulator clock
0= Divided ref path as the Δ∑ modulator clock
Program 1
10
r/W
vcop_presc_en
1
1
Enables the prescaler bias
11
r/W
pfd_lkd_en
1
1
Enable / resetb to digital lock detect circuit and
PFD’s lock detect output gates
Program 1
12
r/W
cp_en
1
1
charge Pump Enable, disable is tri-stated output
13
r/W
dsm_rstb
1
1
1 - Enables fractional modulator
see also dsm_integer_mode Reg12h<3>
14
r/W
lkd_rstb
1
1
1 - enables lock detect circuit
15
r/W
pfds_rstb
1
1
cSP PFD FF rstb
1 - Enables the cycle Slip Prevention (cSP)
feature of the PFD (also need reg 1c[5]=1)
Table 8. Reg 02h Serial Data Out Force Register
Bit
Type
Name
Default
Description
0
r/W
malg_sdo_driver_force_val
1
Serial Data out Force value
this value may be forced onto LD_SDo by
setting malg_sdo_driver_force_en
1
r/W
malg_sdo_driver_force_en
1
Serial Data out En Force enable
Places value from malg_sdo_driver_force_val on
SDo
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com