Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXY8020A Datasheet(PDF) 8 Page - Motorola, Inc

Part # MPXY8020A
Description  TIRE PRESSURE MONITORING SENSOR TEMPERATURE COMPENSATED AND CALIBRATED FULLY INTEGRATED DIGITAL OUTPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXY8020A Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MPXY8020A Datasheet HTML 4Page - Motorola, Inc MPXY8020A Datasheet HTML 5Page - Motorola, Inc MPXY8020A Datasheet HTML 6Page - Motorola, Inc MPXY8020A Datasheet HTML 7Page - Motorola, Inc MPXY8020A Datasheet HTML 8Page - Motorola, Inc MPXY8020A Datasheet HTML 9Page - Motorola, Inc MPXY8020A Datasheet HTML 10Page - Motorola, Inc MPXY8020A Datasheet HTML 11Page - Motorola, Inc MPXY8020A Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MPXY8020A
8
Motorola Sensor Device Data
Electrical Characteristics
+2.1 V
≤ VDD ≤ +3.6 V, TL ≤ TA ≤ TH, unless otherwise specified.
Characteristic
Symbol
Min
Typ
Max
Units
Output High Voltage
DATA, OUT, RST (ILoad = 100 µA)
VOH
VDD–0.8
V
Output Low Voltage
DATA, OUT, RST (ILoad = –100 µA)
VOL
0.4
V
Input High Voltage
S1, S0, DATA, CLK
VIH
0.7 x VDD
V
Input Low Voltage
S1, S0, DATA, CLK
VIL
VSS
0.3 x VDD
V
Input Hysteresis (VIH – VIL)
S1, S0, DATA, CLK
VHYS
100
200
mV
Input Low Current (at VIL)
S1, S0, DATA, CLK
IIL
–5
–25
–100
µA
Input High Current (at VIH)
S1, S0, DATA, CLK
IIH
–5
–35
–140
µA
Temperature Measurement (+2.5V
≤Vdd≤3.0V)
D/A Conversion Code at –40
°C
D/A Conversion Code at –20
°C
D/A Conversion Code at 25
°C
D/A Conversion Code at 70
°C
D/A Conversion Code at 100
°C
D/A Conversion Code at 120
°C
D/A Conversion Code at 125
°C
T–40
T–20
T25
T70
T100
T120
T125
36
52
97
155
204
241
249
42
57
102
163
214
252
255
47
62
107
171
224
255
255
counts
counts
counts
counts
counts
counts
counts
Temperature Measurement (+2.1V
≤Vdd≤3.6V)
D/A Conversion Code at –40
°C
D/A Conversion Code at –20
°C
D/A Conversion Code at 25
°C
D/A Conversion Code at 70
°C
D/A Conversion Code at 100
°C
D/A Conversion Code at 120
°C
D/A Conversion Code at 125
°C
T–40
T–20
T25
T70
T100
T120
T125
36
52
97
154
203
240
249
42
57
102
163
214
252
255
49
64
107
172
225
255
255
counts
counts
counts
counts
counts
counts
counts
Temperature Sensitivity at 25
°C
0.80
°C/bit
Approximate Temperature Output Response
OUT = 74.7461 +0.9752 x Ta + 0.0041 x Ta^2
counts
0
1
2
3
4
5
6
7
8
–40
–20
0
20
40
60
80
100
120
Temperature Error vs. Temperature (VDD = 3 V)
Temperature (
5C)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com