Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXY8020A Datasheet(PDF) 9 Page - Motorola, Inc

Part # MPXY8020A
Description  TIRE PRESSURE MONITORING SENSOR TEMPERATURE COMPENSATED AND CALIBRATED FULLY INTEGRATED DIGITAL OUTPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXY8020A Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MPXY8020A Datasheet HTML 5Page - Motorola, Inc MPXY8020A Datasheet HTML 6Page - Motorola, Inc MPXY8020A Datasheet HTML 7Page - Motorola, Inc MPXY8020A Datasheet HTML 8Page - Motorola, Inc MPXY8020A Datasheet HTML 9Page - Motorola, Inc MPXY8020A Datasheet HTML 10Page - Motorola, Inc MPXY8020A Datasheet HTML 11Page - Motorola, Inc MPXY8020A Datasheet HTML 12Page - Motorola, Inc MPXY8020A Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MPXY8020A
9
Motorola Sensor Device Data
Control Timing
+2.1 V
≤ VDD ≤ +3.6 V, TL ≤ TA ≤ TH, unless otherwise specified.
Characteristic
Symbol
Min
Typ
Max
Units
HFO Measurement Clock Frequency
fHF
100
135
150
kHz
LFO Wake Up Clock Frequency
Ta = –40
°C, +2.1V ≤ Vdd ≤ +3.6
Ta = +25
°C, +2.1V ≤ Vdd ≤ +3.6
Ta = +125
°C, +2.1V ≤ Vdd ≤ +3.6
fLF
fLF
fLF
3300
3900
3800
5400
5400
5300
8000
7700
7000
Hz
Hz
Hz
Wake Up Pulse
Pulse Timing
Pulse Width
tWAKE
tWPW
16384
2
LFO clocks
LFO clocks
Reset Pulse
Pulse Timing
Pulse Width
tRESET
tRPW
16,777,216
2
LFO clocks
LFO clocks
Minimum Setup Time (DATA edge to CLK rise)
tSETUP
100
nSec
Minimum Hold Time (CLK rise to DATA change)
tHOLD
100
nSec
Measurement Response Time
Recommended time to hold
device in measurement mode
Temperature
Pressure
tTMEAS
tPMEAS
200
500
µSec
µSec
Read Response Time (see Figure 8)
From 90% VDD on S0
To OUT less than VOL or greater than VOH
tREAD
50
100
µSec
Sample Capacitor Discharge Time
From initial full scale D/A count (255)
to drop 2 counts (253)
tSH
20
mSec
Figure 8. Control Timing Test Load for OUT and RST Pins
Test Point
50 pF
6.32 kΩ
10.91 kΩ
VDD
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com