Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F877 Datasheet(PDF) 70 Page - Microchip Technology

Part # PIC16F877
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877 Datasheet(HTML) 70 Page - Microchip Technology

Back Button PIC16F877 Datasheet HTML 66Page - Microchip Technology PIC16F877 Datasheet HTML 67Page - Microchip Technology PIC16F877 Datasheet HTML 68Page - Microchip Technology PIC16F877 Datasheet HTML 69Page - Microchip Technology PIC16F877 Datasheet HTML 70Page - Microchip Technology PIC16F877 Datasheet HTML 71Page - Microchip Technology PIC16F877 Datasheet HTML 72Page - Microchip Technology PIC16F877 Datasheet HTML 73Page - Microchip Technology PIC16F877 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 218 page
background image
PIC16F87X
DS30292C-page 68
 2001 Microchip Technology Inc.
REGISTER 9-3:
SSPCON2: SYNC SERIAL PORT CONTROL REGISTER2 (ADDRESS 91h)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
bit 7
bit 0
bit 7
GCEN: General Call Enable bit (In I2C Slave mode only)
1
= Enable interrupt when a general call address (0000h) is received in the SSPSR
0
= General call address disabled
bit 6
ACKSTAT: Acknowledge Status bit (In I2C Master mode only)
In Master Transmit mode:
1
= Acknowledge was not received from slave
0
= Acknowledge was received from slave
bit 5
ACKDT: Acknowledge Data bit (In I2C Master mode only)
In Master Receive mode:
Value that will be transmitted when the user initiates an Acknowledge sequence at the
end of a receive.
1
= Not Acknowledge
0
= Acknowledge
bit 4
ACKEN: Acknowledge Sequence Enable bit (In I2C Master mode only)
In Master Receive mode:
1
= Initiate Acknowledge sequence on SDA and SCL pins and transmit ACKDT data bit.
Automatically cleared by hardware.
0
= Acknowledge sequence idle
bit 3
RCEN: Receive Enable bit (In I2C Master mode only)
1
= Enables Receive mode for I2C
0
= Receive idle
bit 2
PEN: STOP Condition Enable bit (In I2C Master mode only)
SCK Release Control:
1
= Initiate STOP condition on SDA and SCL pins. Automatically cleared by hardware.
0
= STOP condition idle
bit 1
RSEN: Repeated START Condition Enable bit (In I2C Master mode only)
1
= Initiate Repeated START condition on SDA and SCL pins. Automatically cleared by hardware.
0
= Repeated START condition idle
bit 0
SEN: START Condition Enable bit (In I2C Master mode only)
1
= Initiate START condition on SDA and SCL pins. Automatically cleared by hardware.
0
= START condition idle
Note:
For bits ACKEN, RCEN, PEN, RSEN, SEN: If the I2C module is not in the IDLE
mode, this bit may not be set (no spooling), and the SSPBUF may not be written (or
writes to the SSPBUF are disabled).
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com