Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F877 Datasheet(PDF) 100 Page - Microchip Technology

Part # PIC16F877
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877 Datasheet(HTML) 100 Page - Microchip Technology

Back Button PIC16F877 Datasheet HTML 96Page - Microchip Technology PIC16F877 Datasheet HTML 97Page - Microchip Technology PIC16F877 Datasheet HTML 98Page - Microchip Technology PIC16F877 Datasheet HTML 99Page - Microchip Technology PIC16F877 Datasheet HTML 100Page - Microchip Technology PIC16F877 Datasheet HTML 101Page - Microchip Technology PIC16F877 Datasheet HTML 102Page - Microchip Technology PIC16F877 Datasheet HTML 103Page - Microchip Technology PIC16F877 Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 218 page
background image
PIC16F87X
DS30292C-page 98
 2001 Microchip Technology Inc.
TABLE 10-3:
BAUD RATES FOR ASYNCHRONOUS MODE (BRGH = 0)
BAUD
RATE
(K)
FOSC = 20 MHz
FOSC = 16 MHz
FOSC = 10 MHz
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
0.3
-
--
-
-
-
-
--
1.2
1.221
1.75
255
1.202
0.17
207
1.202
0.17
129
2.4
2.404
0.17
129
2.404
0.17
103
2.404
0.17
64
9.6
9.766
1.73
31
9.615
0.16
25
9.766
1.73
15
19.2
19.531
1.72
15
19.231
0.16
12
19.531
1.72
7
28.8
31.250
8.51
9
27.778
3.55
8
31.250
8.51
4
33.6
34.722
3.34
8
35.714
6.29
6
31.250
6.99
4
57.6
62.500
8.51
4
62.500
8.51
3
52.083
9.58
2
HIGH
1.221
-
255
0.977
-
255
0.610
-
255
LOW
312.500
-
0
250.000
-
0
156.250
-
0
BAUD
RATE
(K)
FOSC = 4 MHz
FOSC = 3.6864 MHz
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
0.3
0.300
0
207
0.3
0
191
1.2
1.202
0.17
51
1.2
0
47
2.4
2.404
0.17
25
2.4
0
23
9.6
8.929
6.99
6
9.6
0
5
19.2
20.833
8.51
2
19.2
0
2
28.8
31.250
8.51
1
28.8
0
1
33.6
-
-
-
-
-
-
57.6
62.500
8.51
0
57.6
0
0
HIGH
0.244
-
255
0.225
-
255
LOW
62.500
-
0
57.6
-
0
TABLE 10-4:
BAUD RATES FOR ASYNCHRONOUS MODE (BRGH = 1)
BAUD
RATE
(K)
FOSC = 20 MHz
FOSC = 16 MHz
FOSC = 10 MHz
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
0.3
-
--
-
-
--
-
-
1.2
-
--
-
-
--
-
-
2.4
-
-
-
-
-
-
2.441
1.71
255
9.6
9.615
0.16
129
9.615
0.16
103
9.615
0.16
64
19.2
19.231
0.16
64
19.231
0.16
51
19.531
1.72
31
28.8
29.070
0.94
42
29.412
2.13
33
28.409
1.36
21
33.6
33.784
0.55
36
33.333
0.79
29
32.895
2.10
18
57.6
59.524
3.34
20
58.824
2.13
16
56.818
1.36
10
HIGH
4.883
-
255
3.906
-
255
2.441
-
255
LOW
1250.000
-
0
1000.000
0
625.000
-
0
BAUD
RATE
(K)
FOSC = 4 MHz
FOSC = 3.6864 MHz
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
0.3
-
---
-
-
1.2
1.202
0.17
207
1.2
0
191
2.4
2.404
0.17
103
2.4
0
95
9.6
9.615
0.16
25
9.6
0
23
19.2
19.231
0.16
12
19.2
0
11
28.8
27.798
3.55
8
28.8
0
7
33.6
35.714
6.29
6
32.9
2.04
6
57.6
62.500
8.51
3
57.6
0
3
HIGH
0.977
-
255
0.9
-
255
LOW
250.000
-
0
230.4
-
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com