Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F877 Datasheet(PDF) 184 Page - Microchip Technology

Part # PIC16F877
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F877 Datasheet(HTML) 184 Page - Microchip Technology

Back Button PIC16F877 Datasheet HTML 180Page - Microchip Technology PIC16F877 Datasheet HTML 181Page - Microchip Technology PIC16F877 Datasheet HTML 182Page - Microchip Technology PIC16F877 Datasheet HTML 183Page - Microchip Technology PIC16F877 Datasheet HTML 184Page - Microchip Technology PIC16F877 Datasheet HTML 185Page - Microchip Technology PIC16F877 Datasheet HTML 186Page - Microchip Technology PIC16F877 Datasheet HTML 187Page - Microchip Technology PIC16F877 Datasheet HTML 188Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 218 page
background image
PIC16F87X
DS30292C-page 182
© 2001 Microchip Technology Inc.
FIGURE 16-11:
∆IBOR vs. VDD OVER TEMPERATURE
FIGURE 16-12:
TYPICAL AND MAXIMUM
∆ITMR1 vs. VDD OVER TEMPERATURE
(-10
°C TO 70°C, TIMER1 WITH OSCILLATOR, XTAL=32 kHZ, C1 AND C2=50 pF)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
Device in Sleep
Device in Reset
Max Reset
Typ Reset (25C)
Max Sleep
Typ Sleep (25C)
Indeterminate
State
Typical: statistical mean @ 25°C
Maximum: mean + 3s (-40°C to 125°C)
Minimum: mean – 3s (-40°C to 125°C)
Note:
Device current in RESET
depends on oscillator mode,
frequency and circuit.
0
10
20
30
40
50
60
70
80
90
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V )
Ty p (25C)
Max
Typical: statistical mean @ 25°C
Maximum: mean + 3s (-40°C to 125°C)
Minimum: mean – 3s (-40°C to 125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com